Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZR36060PQC Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ZR36060PQC
Description  Integrated JPEG CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36060PQC Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ZR36060PQC Datasheet HTML 23Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 24Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 25Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 26Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 27Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 28Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 29Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 30Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
25
Integrated JPEG CODEC
6.11 Decompression
Before decompression the ZR36060 is in the IDLE state. After
the correct initialization has been done by the host (loading of
parameters and/or tables), the ZR36060 is ready to receive a
command to start decompression. The video bus already
outputs the background color, and if the ZR36060 is a code
slave, CBUSY is asserted, so the host cannot write compressed
data to the ZR36060. The host is now expected to send the start
command. The ZR36060 will then start reading compressed
data (if it is the code bus master), decoding it, and filling up the
strip buffer with pixels. However, pixels will not start flowing out
the video bus before the VSYNC that follows START (or the odd
VSYNC, if FRAME was asserted together with START).
Host controllers that are capable of synchronizing the start
command to VSYNC may do so, providing the start command as
soon as possible after a VSYNC. This makes sure that once
VSYNC arrives, the ZR36060 has enough pixels in the strip
buffer to avoid a condition of strip buffer underflow. In systems
where the video sync signals can be controlled by the host, this
capability can be used to guarantee that START is asserted long
before the next VSYNC.
Once the host controller has sent the start command (by assert-
ing the START signal) CBUSY is deasserted (if it is configured
as output, i.e., in code slave mode), and the RTBSY output is
asserted indicating that the strip memory is initially (close to)
empty (underflow). The host should now provide compressed
data to the ZR36060 as quickly as possible, and fill the strip
memory. Deassertion of RTBSY is an indication that sufficient
data is available in the strip buffer to start video output. Every
time that the ZR36060 senses that the strip buffer is close to an
overflow (full), it asserts an internal flag that stops the transfer of
pixels into the strip buffer, and eventually might result in asser-
tion of CBUSY (in code slave mode) or in stopping of
compressed data acquisition (in code master mode). When the
ZR36060 senses the EOI marker, or when the active portion of
the video field is over (whichever occurs later), it asserts the
END signal and returns to the IDLE state, waiting for a new start
command. (As in compression, the host controller may choose to
leave START asserted continuously, rather than asserting it
after every END).
Figure 37. Examples of ZR36060 Compression (After Host Loaded Parameters & Load Command)
VSYNC
_active
_state
START
FRAME
RTBSY
DATERR
CSS
(code master)
CBUSY
(code slave)
DATA Bus
(CODE bus)
END
JIRQ
1
2
3
4
5
6
7
8
9
10
11
12
ODD
EVEN
ODD
EVEN
ODD
EVEN
ODD
EVEN
ODD
EVEN
ODD
EVEN
IDLE
WaitACT
CMP
i
i
IDLE
CMP
CMP
i
i
CMP
(w/error)
i
CMP
i
WaitISR
CMP
(w/error)
CMP
3
4
5
7
8
10
11
In field #1, START & FRAME asserted indicate to begin on next ODD VSYNC
Wait for next ODD field; meanwhile START signal is ignored (END not asserted)
Field #3 is compressed, active area only, issue END and return to IDLE. At this point, START is sensed low (w/o FRAME) -> start cmp. next
VSYNC (next field).
Field #4 is compressed on active area. Again, after END system assert START w/o FRAME, so next field must be compressed too.
Begin field compression, but system is too slow to take data out to system memory, so DATERR is asserted. Sampling of END and DATERR
inform the system of an illegal field. Since interrupt request on data error is enabled, ZR36060 assert JIRQ and wait until the host
acknowledge the JIRQ by reading the associated interrupt status register.
During this field, the host service the interrupt (ZR36060 de-assert JIRQ) and assert again START (w/o FRAME) for next field compression.
In this example, the host also disables interrupts after servicing this one.
Field #7 is compressed. After END system assert START for next field compression.
Field is compressed normally, but during the last lines of active area, the system response is slow and the last part of the code is fetched at
a much slower pace. Next field #9 begins (VSYNC assertion) without issuing END by the ZR36060. This is an illegal condition indicated by
DATERR. No JIRQ here since interrupts are disabled. START is sensed low for next field compression (ZR36060 skips field #9).
Fields are compressed normally. START is de-asserted during field #11, therefore after END assertion the ZR36060 returns to IDLE and
wait for next operation.
1.
2.
3.
4.
5.
6.
7.
8, 9.
10, 11.
Notes:
i = go through IDLE & WAITACT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com