Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZR36060PQC Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ZR36060PQC
Description  Integrated JPEG CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36060PQC Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ZR36060PQC Datasheet HTML 34Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 35Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 36Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 37Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 38Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 39Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 40Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 41Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
36
Integrated JPEG CODEC
AC TIMING SPECIFICATIONS
Table 7: AC Video Bus Input Timing
Symbol
Parameter
Min
Max
Unit
Comments
FVCLKx2
VCLKx2 Frequency
22.2
30
MHz
40% to 60% duty cycle
TV2P
VCLKx2 Period
33.3
45
ns
TCLK
Internal Clock Period
TV2P == 2 * TCLK
Internal PLL multiplies the VCLKx2 freq. by 2
Used as a reference variable for other AC
parameters.
TV2T
VCLKx2 Rise/Fall Transition
3
ns
TVT
VCLK Rise/Fall Transition
3
ns
TVIS
Video Bus Input Setup
6
ns
TVIH
Video Bus Input Hold
0
ns
Figure 41. Video Bus Input Timing
VCLKx2
tV2T
tV2T
tV2P
VCLK
INPUTS
tVIS
tVIH
tVIS
tVIH
Note: 1. In this diagram VCLKPol = 0.
2. 16-bit interface inputs are sampled during VCLKx2 rising edges enabled by VCLK.
3. 8-bit interface inputs are sampled during all VCLKx2 rising edges.
Table 8: AC Video Bus Output Timing
Symbol
Parameter
Min
Max
Unit
Comments
TVBO
Video Bus Output Delay (16-bit)
TCLK - 1
TCLK + 10
ns
50pf load
TVBO8
Video Bus Output Delay (8-bit)
0.5TCLK - 1
0.5TCLK + 10
ns
50pf load
Figure 42. Video Bus Output Timing
VCLKx2
VCLK
Video Output
(16-bit)
tVBO
tVBO8
Video Output
(8-bit)
tVBO
tVBO8
tCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com