Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZR36060PQC Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ZR36060PQC
Description  Integrated JPEG CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36060PQC Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ZR36060PQC Datasheet HTML 26Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 27Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 28Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 29Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 30Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 31Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 32Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 33Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
28
Integrated JPEG CODEC
8.0 REGISTER AND MEMORY DESCRIPTION
The ZR36060 internal memory space is implemented as 1024
bytes of RAM, accessible by the host controller through the host
interface. The contents of this RAM may be loaded into the final
storage registers and tables using the Load command (refer to
6.4 “Loading Parameters and Tables”). Figure 40 depicts the
partitioning of the RAM.
A “default” is specified for each register bit. This is its value after
reset.
8.1 General Control Registers
LOAD Parameters Register
Address 0x000
SyncRst: Resets the video sync generator.
0
- No reset
1
- Reset the syncs. Start horizontal/vertical counting from 0, 0. The Sync Gen-
erator is maintained in reset state until the host writes 0 again to this bit.
Load: Load all the internal memory parameters (including tables) to the respective
ZR36060 internal blocks. After writing Load = 1, the ZR36060 sets the Busy bit until
the load is complete and the ZR36060 is ready to operate. The Load bit must be
set every time a new parameter is written anywhere in the internal memory.
0
- No effect
1
- Load parameters now
Code FIFO Status Register (Read only)
Address 0x001
CFIFO[1:0]: Indicates the fullness of the Code FIFO (ready only bits):
00 - less than 1/4 of the Code FIFO is occupied.
01 - less than 1/2 but more than (or exactly) 1/4 is occupied.
10 - less than 3/4 but more than (or exactly) 1/2 is occupied.
11 - more than (or exactly) 3/4 of the Code FIFO is occupied.
These bits are valid only when EOI is not asserted.
CBUSY: Indicate the full/empty condition of the code FIFO (read only bit - identical
to CBUSY pin state, inverse logic)
0
- code FIFO not full / not empty
1
- code FIFO full / empty
This bit is valid only when CBUSY is an output; i.e.- in code slave mode.
Busy: Status of the Load operation. The internal load of parameters can take
~100 microseconds. The host must poll this bit to know when the ZR36060 is ready
(not Busy) to load a new parameter set or start a compression/decompression
process.
0
- ZR36060 is ready to operate, no Load operation in progress
1
- Load is in progress now, don’t access any internal memory location while
this bit is set
Code Interface Register
Address 0x002
CodeMstr: The ZR36060 is the Master or Slave of the Code bus
0
- Code Slave mode
1
- Code Master mode
CFIS: Only in Master mode, defines the number of clocks for each code byte
transfer. Must be 0 in Code Slave mode.
0
- one VCLKx2 cycle
1
- two VCLKx2 cycles
Endian: Defines the byte ordering when using 16-bit code slave interface. Must be
0 in Master mode or 8-bit Slave mode.
0
- first byte (‘FF’ of ‘FFD8’ SOI code) is on DATA[7:0] bus
1
- first byte (‘FF’ of ‘FFD8’ SOI code) is on CODE[7:0] bus
Code16: Defines the code bus width for slave mode only. Must be 0 in Master
mode.
0
- 8-bit code bus
1
- 16-bit code bus
Figure 40. Internal Memory Map
000h
022h
030h
052h
060h
3FFh
Codec
Control Registers
Debug (Testing)
Video Registers
Spare
JPEG Markers Array
8 Bits Data
Host Address
Host Data
Host Interface
0x000
7
6
5
4
3
2
1
0
Load
0
SyncRst
RW
RW
type
0
X
X
X
X
X
X
0
default
0x001
7
6
5
4
3
2
1
0
Busy
0
CFIFO0
RW
RW
type
0
X
X
X
X
X
X
0
default
CBUSY
CFIFO1
RW
RW
0x002
7
6
5
4
3
2
1
0
Code16
0
CodeMstr
RW
RW
type
0
X
X
X
X
X
X
1
default
CFIS
0
RW
–
Endian
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com