Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6041663 Datasheet(PDF) 2 Page - SICK AG

Part # 6041663
Description  LEVEL SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6041663 Datasheet(HTML) 2 Page - SICK AG

  6041663 Datasheet HTML 1Page - SICK AG 6041663 Datasheet HTML 2Page - SICK AG 6041663 Datasheet HTML 3Page - SICK AG 6041663 Datasheet HTML 4Page - SICK AG 6041663 Datasheet HTML 5Page - SICK AG 6041663 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UP56-213112 | UP56
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
UP56-213112
6041663
Other models and accessories
www.sick.com/UP56
Detailed technical data
Features
Medium
Fluids
Measurement
Switch, Continuous
Measuring range in tank
200 mm ... 1,300 mm
Measuring range immersion tube
200 mm ... 5,000 mm 1)
Process pressure
0 bar ... 6 bar, gauge pressure
Process temperature
–25 °C ... +70 °C
1) At 6 bar gauge.
Performance
Accuracy of sensor element
≤ 2 % 1)
Repeatability
± 0.15 % 1)
Resolution
≤ 0.18 mm
Response time
≤ 180 ms 2)
1) From the full scale value.
2) Recovery time 32 ms ... 180 ms according to EMC EN 60947-5-7.
Electronics
Supply voltage
9 V DC ... 30 V DC, Switching output 1)
15 V DC ... 30 V DC, Analog output 1)
Residual ripple
± 10 %
Power consumption
≤ 80 mA 2)
Electrical connection
Round connector M12 x 1, 5-pin
Output signal
2 x PNP
Hysteresis
20 mm
Signal voltage HIGH
Uv –3 V
Time delay before availability
≤ 300 ms
1) Reverse-polarity protected.
2) At 24 V DC without output load.
2
FLUID SENSORS | SICK
Online data sheet | 2016-06-16 18:15:07
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com