Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6041663 Datasheet(PDF) 5 Page - SICK AG

Part # 6041663
Description  LEVEL SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6041663 Datasheet(HTML) 5 Page - SICK AG

  6041663 Datasheet HTML 1Page - SICK AG 6041663 Datasheet HTML 2Page - SICK AG 6041663 Datasheet HTML 3Page - SICK AG 6041663 Datasheet HTML 4Page - SICK AG 6041663 Datasheet HTML 5Page - SICK AG 6041663 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UP56-213112 | UP56
LEVEL SENSORS
Brief description
Type
Part no.
Welded flange, process connection G 1, Stainless steel 1.4404
BEF-FL-316G10-
UP56
4064295
Welded flange/welded connector, process connection G 2, Stainless steel 1.4404
BEF-FL-316G20-
UP56
4063263
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1205-G02MC
6025906
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1205-G05MC
6025907
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1205-G10M
6010544
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 10 m
DOL-1205-G10MC
6025908
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-W02M
6008900
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1205-W02MC
6025909
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-W05M
6009869
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1205-W05MC
6025910
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1205-W10M
6010542
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 10 m
DOL-1205-W10MC
6025911
Programming and configuration tools
Tool for visualization, configuration and cloning, 3-digit LED display, supply voltage: DV
9 V ... 30 V
Connect+
adapter (CPA)
6037782
2016-06-16 18:15:07 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com