Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6041663 Datasheet(PDF) 4 Page - SICK AG

Part # 6041663
Description  LEVEL SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6041663 Datasheet(HTML) 4 Page - SICK AG

  6041663 Datasheet HTML 1Page - SICK AG 6041663 Datasheet HTML 2Page - SICK AG 6041663 Datasheet HTML 3Page - SICK AG 6041663 Datasheet HTML 4Page - SICK AG 6041663 Datasheet HTML 5Page - SICK AG 6041663 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UP56-213112 | UP56
LEVEL SENSORS
Connection diagram
2 x transistor switching output
L+
Q2/¯
Q2
1
4
brn
blk
Q1/¯
Q1
2
wht
3
M
blu
5
Sync/Com
gra
Connection type
Male connector M12, 5-pin
Scanning range
Detection range UP56-213118
800
400
0
400
800
[mm]
400
800
1200
1600
2000
2400
2800
3200
UP56-213118
1300 mm
1
3
①  Example object: aligned plate 500 mm x 500 mm
③  Pipe diameter 27 mm
Recommended accessories
Other models and accessories
www.sick.com/UP56
Brief description
Type
Part no.
Flanges
4
FLUID SENSORS | SICK
Online data sheet | 2016-06-16 18:15:07
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com