Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6041663 Datasheet(PDF) 3 Page - SICK AG

Part # 6041663
Description  LEVEL SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6041663 Datasheet(HTML) 3 Page - SICK AG

  6041663 Datasheet HTML 1Page - SICK AG 6041663 Datasheet HTML 2Page - SICK AG 6041663 Datasheet HTML 3Page - SICK AG 6041663 Datasheet HTML 4Page - SICK AG 6041663 Datasheet HTML 5Page - SICK AG 6041663 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UP56-213112 | UP56
LEVEL SENSORS
Enclosure rating
IP 67
Ultrasonic frequency
180 kHz
Ultrasonic transducer
PTFE coating, FFKM
1) Reverse-polarity protected.
2) At 24 V DC without output load.
Mechanics
Process connection
G 1 A
Housing material
Stainless steel 1.4571, PBT, TPU
Weight
210 g
Ambient data
Ambient operating temperature
–25 °C ... +70 °C 1)
Ambient storage temperature
–40 °C ... +85 °C
1) Temperature compensation at –25 °C ... +50 °C, can be switched off.
Classifications
ECl@ss 5.0
27200506
ECl@ss 5.1.4
27200506
ECl@ss 6.0
27200506
ECl@ss 6.2
27200506
ECl@ss 7.0
27200506
ECl@ss 8.0
27200506
ECl@ss 8.1
27200506
ECl@ss 9.0
27200506
ETIM 5.0
EC002654
ETIM 6.0
EC002654
UNSPSC 16.0901
41111950
Dimensional drawing (Dimensions in mm (inch))
UP56-211/ 212/ 213
10
(0.39)
12,5
(0.49)
103
(4.06)
57,5
(2.26)
90,5
(3.56)
SW41 / 41 (1.61") width A/F
Viton O-Ring
(34x2,5)
(1.34"x 0.1")
TouchControl LED display
2 buttons / 2 dual LEDs
2016-06-16 18:15:07 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com