Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PGFS Datasheet(PDF) 81 Page - Texas Instruments

Part # TMP320F2811PGFS
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PGFS Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMP320F2811PGFS Datasheet HTML 77Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 78Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 79Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 80Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 81Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 82Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 83Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 84Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 147 page
background image
Development Support
81
June 2004
SPRS257
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package
type (for example, PBK) and temperature range (for example, A). Figure 5−1 provides a legend for reading
the complete device name for any TMS320x28x family member.
PREFIX
TMS 320
R 2812
PBK
TMX = experimental device
TMP = prototype device
TMS = qualified device
DEVICE FAMILY
320 = TMS320 DSP Family
TECHNOLOGY
PACKAGE TYPE†
GHH = 179-ball MicroStar BGA
ZHH = 179-ball MicroStar BGA (lead-free)
PGF = 176-pin LQFP
PBK = 128-pin LQFP
F = Flash EEPROM (1.8-V/1.9-V Core/3.3-V I/O)
C = ROM (1.8-V/1.9-V Core/3.3-V I/O)
R = RAM only (1.8-V/1.9-V Core/3.3-V I/O)
DEVICE
2811
2812
† BGA = Ball Grid Array
LQFP = Low-Profile Quad Flatpack
TEMPERATURE RANGE
A= −40°C to 85°C
S= −40°C to 125°C
Q= −40°C to 125°C − Q100
fault grading
A
Figure 5−1. TMS320x28x Device Nomenclature
5.2
Documentation Support
Extensive documentation supports all of the TMS320 DSP family generations of devices from product
announcement through applications development. The types of documentation available include: data sheets
and data manuals, with design specifications; and hardware and software applications. Useful reference
documentation includes:
TMS320C28x DSP CPU and Instruction Set Reference Guide (literature number SPRU430) describes the
central processing unit (CPU) and the assembly language instructions of the TMS320C28x fixed-point digital
signal processors (DSPs). It also describes emulation features available on these DSPs.
TMS320C28x Peripheral Reference Guide (literature number SPRU566) describes the peripheral reference
guides of the 28x digital signal processors (DSPs).
TMS320F28x Analog-to-Digital Converter (ADC) Reference Guide (literature number SPRU060)
describes the ADC module. The module is a 12−bit pipelined ADC. The analog circuits of this converter,
referred to as the core in this document, include the front-end analog multiplexers (MUXs), sample−and−hold
(S/H) circuits, the conversion core, voltage regulators, and other analog supporting circuits. Digital circuits,
referred to as the wrapper in this document, include programmable conversion sequencer, result registers,
interface to analog circuits, interface to device peripheral bus, and interface to other on-chip modules.
TMS320F28x Boot ROM Reference Guide (literature number SPRU095) describes the purpose and
features of the bootloader (factory-programmed boot-loading software). It also describes other contents of the
device on-chip boot ROM and identifies where all of the information is located within that memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com