Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PGFS Datasheet(PDF) 19 Page - Texas Instruments

Part # TMP320F2811PGFS
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PGFS Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP320F2811PGFS Datasheet HTML 15Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 16Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 17Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 18Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 19Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 20Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 21Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 22Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 147 page
background image
Introduction
19
June 2004
SPRS257
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
AND
ZHH
XINTF SIGNALS (2812 ONLY) (CONTINUED)
XMP/MC
F1
17
−
I
PD
Microprocessor/Microcomputer Mode Select. Switches
between microprocessor and microcomputer mode. When
high, Zone 7 is enabled on the external interface. When low,
Zone 7 is disabled from the external interface, and on-chip
boot ROM may be accessed instead. This signal is latched
into the XINTCNF2 register on a reset and the user can modify
this bit in software. The state of the XMP/MC pin is ignored
after reset.
XHOLD
E7
159
−
I
PU
External Hold Request. XHOLD, when active (low), requests
the XINTF to release the external bus and place all buses and
strobes into a high-impedance state. The XINTF will release
the bus when any current access is complete and there are no
pending accesses on the XINTF.
XHOLDA
K10
82
−
O/Z
−
External Hold Acknowledge. XHOLDA is driven active (low)
when the XINTF has granted a XHOLD request. All XINTF
buses and strobe signals will be in a high-impedance state.
XHOLDA is released when the XHOLD signal is released.
External devices should only drive the external bus when
XHOLDA is active (low).
XZCS0AND1
P1
44
−
O/Z
−
XINTF Zone 0 and Zone 1 Chip Select. XZCS0AND1 is active
(low) when an access to the XINTF Zone 0 or Zone 1 is
performed.
XZCS2
P13
88
−
O/Z
−
XINTF Zone 2 Chip Select. XZCS2 is active (low) when an
access to the XINTF Zone 2 is performed.
XZCS6AND7
B13
133
−
O/Z
−
XINTF Zone 6 and Zone 7 Chip Select. XZCS6AND7 is active
(low) when an access to the XINTF Zone 6 or Zone 7 is
performed.
XWE
N11
84
−
O/Z
−
Write Enable. Active-low write strobe. The write strobe
waveform is specified, per zone basis, by the Lead, Active,
and Trail periods in the XTIMINGx registers.
XRD
M3
42
−
O/Z
−
Read Enable. Active-low read strobe. The read strobe
waveform is specified, per zone basis, by the Lead, Active,
and Trail periods in the XTIMINGx registers. NOTE: The XRD
and XWE signals are mutually exclusive.
XR/W
N4
51
−
O/Z
−
Read Not Write Strobe. Normally held high. When low, XR/W
indicates write cycle is active; when high, XR/W indicates read
cycle is active.
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com