Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PGFS Datasheet(PDF) 85 Page - Texas Instruments

Part # TMP320F2811PGFS
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PGFS Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMP320F2811PGFS Datasheet HTML 81Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 82Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 83Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 84Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 85Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 86Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 87Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 88Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 147 page
background image
Electrical Specifications
85
June 2004
SPRS257
6.2
Recommended Operating Conditions†
MIN
NOM
MAX
UNIT
VDDIO
Device supply voltage, I/O
3.14
3.3
3.47
V
V
V
Device supply voltage CPU
1.8 V (135 MHz)
1.71
1.8
1.89
V
VDD, VDD1
Device supply voltage, CPU
1.9 V (150 MHz)
1.81
1.9
2
V
VSS
Supply ground
0
V
VDDA1, VDDA2,
AVDDREFBG, VDDAIO
ADC supply voltage
3.14
3.3
3.47
V
f
Device clock frequency
VDD = 1.9 V ± 5%
2
150
MHz
fSYSCLKOUT
Device clock frequency
(system clock)
VDD = 1.8 V ± 5%
2
135
MHz
All inputs except XCLKIN
2
V
V
High level input voltage
All inputs except XCLKIN
2
VDDIO
V
VIH
High-level input voltage
XCLKIN (@ 50 µA max)
0.7VDD
VDD
V
V
Low level input voltage
All inputs except XCLKIN
0.8
V
VIL
Low-level input voltage
XCLKIN (@ 50 µA max)
0.3VDD
V
I
High-level output source current,
All I/Os except Group 2
− 4
mA
IOH
High level output source current,
VOH = 2.4 V
Group 2‡
− 8
mA
I
Low-level output sink current,
All I/Os except Group 2
4
mA
IOL
Low level output sink current,
VOL = VOL MAX
Group 2‡
8
mA
Abi t
A version
− 40
85
°C
TA
Ambient
temperature
S version§
− 40
125
°C
TA
temperature
Q version
− 40
125
°C
† See Section 6.7 for power sequencing of VDDIO, VDDAIO, VDD, VDDA1, VDDA2, and AVDDREFBG.
‡ Group 2 pins are as follows: XINTF pins, PDPINTA, TDO, XCLKOUT, XF, EMU0, and EMU1.
§ Replaced by Q temperature option from silicon revision E onwards
6.3
Electrical Characteristics Over Recommended Operating Conditions
(Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
High level output voltage
IOH = IOHMAX
2.4
V
VOH
High-level output voltage
IOH = 50 µA
VDDIO − 0.2
V
V
Low level output voltage
I
I MAX
04
V
VOL
Low-level output voltage
IOL = IOLMAX
0.4
V
I
Input
With pullup
VDDIO = 3.3 V,
V
0 V
All I/Os§ (including XRS)
except EVB
−80
−140
−190
A
IIL
p
current
(low level)
With pullup
VIN = 0 V
GPIOB/EVB
−13
−25
−35
µA
(low level)
With pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
Input
With pullup
VDDIO = 3.3 V, VIN = VDD
±2
IIH
Input
current
(hi h l
l) With pulldown
VDDIO = 3.3 V,
28
50
80
µA
IH
(high level) With pulldown
VDDIO = 3.3 V,
VIN = VDD
28
50
80
µ
IOZ
Output current,
high-impedance state
(off-state)
VO = VDDIO or 0 V
±2
µA
Ci
Input capacitance
2
pF
Co
Output capacitance
3
pF
§ The following pins have no internal PU/PD: GPIOE0, GPIOE1, GPIOF0, GPIOF1, GPIOF2, GPIOF3, GPIOF12, GPIOG4, and GPIOG5.
The following pins have an internal pulldown: XMP/MC, TESTSEL, and TRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com