Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PGFS Datasheet(PDF) 29 Page - Texas Instruments

Part # TMP320F2811PGFS
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PGFS Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP320F2811PGFS Datasheet HTML 25Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 26Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 27Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 28Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 29Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 30Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 31Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 32Page - Texas Instruments TMP320F2811PGFS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 147 page
background image
Functional Overview
29
June 2004
SPRS257
Block
Start Address
0x00 0000
M0 Vector − RAM (32 × 32)
(Enabled if VMAP = 0)
Data Space
Prog Space
M0 SARAM (1K × 16)
M1 SARAM (1K × 16)
Peripheral Frame 0
(2K × 16)
0x00 0040
0x00 0400
0x00 0800
PIE Vector - RAM
(256 × 16)
(Enabled if VMAP
= 1, ENPIE = 1)
Reserved
Reserved
Reserved
L0 SARAM (4K × 16,)
Peripheral Frame 1
(4K × 16, Protected)
Reserved
Peripheral Frame 2
(4K × 16, Protected)
L1 SARAM (4K × 16)
Reserved
H0 SARAM (8K × 16)
Reserved
Boot ROM (4K × 16)
(Enabled if MP/MC = 0)
BROM Vector - ROM (32 × 32)
(Enabled if VMAP = 1, MP/MC = 0, ENPIE = 0)
0x00 0D00
0x00 0E00
0x00 2000
0x00 6000
0x00 7000
0x00 8000
0x00 9000
0x00 A000
0x3F 7FF8
0x3F 8000
0x3F A000
0x3F F000
0x3F FFC0
On-Chip Memory
Only one of these vector maps—M0 vector, PIE vector, BROM vector, XINTF vector—should be enabled at a time.
LEGEND:
L2 SARAM (1K × 16)
L3 SARAM (1K × 16)
NOTES: A. Memory blocks are not to scale.
B. Reserved locations are reserved for future expansion. Application should not access these areas.
C. Peripheral Frame 0, Peripheral Frame 1, and Peripheral Frame 2 memory maps are restricted to data memory only. User program
cannot access these memory maps in program space.
D. “Protected” means the order of Write followed by Read operations is preserved rather than the pipeline order.
E. Certain memory ranges are EALLOW protected against spurious writes after configuration.
F. The passwords are set to all ones.
0x00 A400
0x00 A800
128-bit Password (see Note F)
Figure 3−3. R2811 Memory Map (See Notes A through F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com