Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL065CIVS/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065CIVS/NOPB
Description  360mW A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065CIVS/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC12DL065CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
ADC12DL065
www.ti.com
SNAS249D – MARCH 2005 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, VREF = +1.0V, fCLK = 65 MHz, fIN = 32 MHz, tr = tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On, parallel
output mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Spectral Response @ 10 MHz Input
Spectral Response @ 32 MHz Input
Figure 33.
Figure 34.
Intermodulation Distortion, fIN1= 9.6 MHz, fIN2 = 10.2 MHz
Figure 35.
FUNCTIONAL DESCRIPTION
Operating on a single +3.3V supply, the ADC12DL065 uses a pipeline architecture and has error correction
circuitry to help ensure maximum performance. The differential analog input signal is digitized to 12 bits. The
user has the choice of using an internal 1.0 Volt or 0.5 Volt stable reference, or using an external reference. Any
external reference is buffered on-chip to ease the task of driving that pin.
The output word rate is the same as the clock frequency, which can be between 15 MSPS and 65 MSPS
(typical) with fully specified performance at 65 MSPS. The analog input for both channels is acquired at the rising
edge of the clock and the digital data for a given sample is delayed by the pipeline for 7 clock cycles. Duty cycle
stabilization and output data format are selectable using the quad state function DF/DCS pin. The output data
can be set for offset binary or two's complement.
A logic high on the power down (PD) pin reduces the converter power consumption to 36 mW.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com