Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL065CIVS/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065CIVS/NOPB
Description  360mW A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065CIVS/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC12DL065CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ADC12DL065
www.ti.com
SNAS249D – MARCH 2005 – REVISED APRIL 2013
DIGITAL INPUTS
Digital TTL/CMOS compatible inputs consist of CLK, OEA, OEB, PD, DF/DCS, and MULTIPLEX.
CLK
The CLK signal controls the timing of the sampling process. Drive the clock input with a stable, low jitter clock
signal in the range of 15 MHz to 65 MHz with rise and fall times of 2 ns or less. The trace carrying the clock
signal should be as short as possible and should not cross any other signal line, analog or digital, not even at
90°.
The CLK signal also drives an internal state machine. If the CLK is interrupted, or its frequency too low, the
charge on internal capacitors can dissipate to the point where the accuracy of the output data will degrade. This
is what limits the lowest sample rate.
The clock line should be terminated at its source in the characteristic impedance of that line. Take care to
maintain a constant clock line impedance throughout the length of the line. Refer to Application Note AN-905
(SNLA035) for information on setting characteristic impedance.
It is highly desirable that the the source driving the ADC CLK pin only drive that pin. However, if that source is
used to drive other things, each driven pin should be a.c. terminated with a series RC to ground, as shown in
Figure 38, such that the resistor value is equal to the characteristic impedance of the clock line and the capacitor
value is
(6)
where tPD is the signal propagation rate down the clock line, "L" is the line length and ZO is the characteristic
impedance of the clock line. This termination should be as close as possible to the ADC clock pin but beyond it
as seen from the clock source. Typical tPD is about 150 ps/inch (60 ps/cm) on FR-4 board material. The units of
"L" and tPD should be the same (inches or centimeters).
The duty cycle of the clock signal can affect the performance of the A/D Converter. Because achieving a precise
duty cycle is difficult, the ADC12DL065 has a Duty Cycle Stabilizer which can be enabled using the DF/DCS pin.
It is designed to maintain performance over a clock duty cycle range of 20% to 80% at 65 MSPS. The Duty Cycle
Stabilizer circuit requires a fast clock edge to produce the internal clock, which is the reason for the rise and fall
time requirement listed in the specifications table.
OEA, OEB
The OEA and OEB pins, when high, put the output pins of their respective converters into a high impedance
state. When either of these pin is low, the corresponding outputs are in the active state. The ADC12DL065 will
continue to convert whether these pins are high or low, but the output can not be read while the pin is high.
Since ADC noise increases with increased output capacitance at the digital output pins, do not use the TRI-
STATE outputs of the ADC12DL065 to drive a bus. Rather, each output pin should be located close to and drive
a single digital input pin. To further reduce ADC noise, a 100
Ω resistor in series with each ADC digital output
pin, located close to their respective pins, should be added to the circuit.
PD
The PD pin, when high, holds the ADC12DL065 in a power-down mode to conserve power when the converter is
not being used. The power consumption in this state is 36 mW with a 65MHz clock and 40mW if the clock is
stopped when PD is high. The output data pins are undefined and the data in the pipeline is corrupted while in
the power down mode.
The Power Down Mode Exit Cycle time is determined by the value of the components on pins 4, 5, 6, 12, 13 and
14 and is about 500 µs with the recommended components on the VRP, VRM and VRN reference bypass pins.
These capacitors loose their charge in the Power Down mode and must be recharged by on-chip circuitry before
conversions can be accurate. Smaller capacitor values allow slightly faster recovery from the power down mode,
but can result in a reduction in SNR, SINAD and ENOB performance.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com