Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL065CIVS/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065CIVS/NOPB
Description  360mW A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065CIVS/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC12DL065CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ADC12DL065
SNAS249D – MARCH 2005 – REVISED APRIL 2013
www.ti.com
DF/DCS
Duty cycle stabilization and output data format are selectable using this quad state function pin. When enabled,
duty cycle stabilization can compensate for clock inputs with duty cycles ranging from 20% to 80% and generate
a stable internal clock, improving the performance of the part. The Duty Cycle Stabilizer circuit requires a fast
clock edge to produce the internal clock, which is the reason for the rise and fall time requirement listed in the
specifications table. With DF/DCS = VA the output data format is offset binary and duty cycle stabilization is
applied to the clock. With DF/DCS = 0 the output data format is 2's complement and duty cycle stabilization is
applied to the clock. With DF/DCS = VRMA or VRMB the output data format is 2's complement and duty cycle
stabilization is not used. If DF/DCS is floating, the output data format is offset binary and duty cycle stabilization
is not used. While the sense of this pin may be changed "on the fly," doing this is not recommended as the
output data could be erroneous for a few clock cycles after this change is made.
MULTIPLEX
With the MULTIPLEX pin at a logic low, the digital output words from channels A and B are available on separate
digital output buses (Parallel mode). When MULTIPLEX is high, the digital output words are multiplexed on pins
DA0:DA11 (Multiplex Mode). The DB0/ABb pin changes synchronously with the multiplexed outputs, and is high
when channel A data is present on the outputs, and low when channel B data is present.
OUTPUTS
The ADC12DL065 has 12 TTL/CMOS compatible Data Output pins for each output. Valid data is present at
these outputs while the OE and PD pins are low. In the parallel mode, the data should be captured with the CLK
signal. Depending on the setup and hold time requirements of the receiving circuit (ASIC), either the rising edge
or the falling edge of the CLK signal can be used to latch the data. Generally, rising-edge-capture would
maximize setup time with minimal hold time; while falling-edge-capture would maximize hold time with minimal
setup time. However, actual timing for the falling-edge case depends greatly on the CLK frequency and both
cases also depend on the delays inside the ASIC. Refer to the Tod spec in AC Electrical Characteristics.
In Multiplex mode, both channel outputs are available on DA0:DA11. The ABb signal is available to de-multiplex
the output bus. The ABb signal may also be used to latch the data in the ASIC thus avoiding the use of the CLK
signal altogether. However, since the ABb signal edges are provided in-phase with the data transitions, generally
the ASIC circuitry would have to delay the ABb signal with respect to the data in order to use it as the clock for
the capturing latches. It is also possible to use the CLK signal to latch the data in the multiplexed mode as well -
as described in the previous paragraph.
Be very careful when driving a high capacitance bus. The more capacitance the output drivers must charge for
each conversion, the more instantaneous digital current flows through VDR and DR GND. These large charging
current spikes can cause on-chip ground noise and couple into the analog circuitry, degrading dynamic
performance. Adequate bypassing, limiting output capacitance and careful attention to the ground plane will
reduce this problem. Additionally, bus capacitance beyond the specified 15 pF/pin will cause tOD to increase,
making it difficult to properly latch the ADC output data. The result could be an apparent reduction in dynamic
performance.
To minimize noise due to output switching, minimize the load currents at the digital outputs. This can be done by
connecting buffers (74ACQ541, for example) between the ADC outputs and any other circuitry. Only one driven
input should be connected to each output pin. Additionally, inserting series resistors of about 100
Ω at the digital
outputs, close to the ADC pins, will isolate the outputs from trace and other circuit capacitances and limit the
output currents, which could otherwise result in performance degradation. See Figure 38.
24
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com