Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL065CIVS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065CIVS/NOPB
Description  360mW A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065CIVS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ADC12DL065
SNAS249D – MARCH 2005 – REVISED APRIL 2013
www.ti.com
Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, tr = tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On,
parallel output mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1)(2)(3)
Units
Parameter
Test Conditions
Typical(4)
Limits(4)
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at
−3 dB
250
MHz
fIN = 1 MHz, VIN = −0.5 dBFS
69
dBc
SNR
Signal-to-Noise Ratio
fIN = 10 MHz, VIN = −0.5 dBFS
69
67.5
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
68.5
67
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
68.5
dBc
SINAD
Signal-to-Noise and Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
68.5
67.5
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
68
67
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
11.1
Bits
ENOB
Effective Number of Bits
fIN = 10 MHz, VIN = −0.5 dBFS
11.1
10.9
Bits (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
11.0
10.8
Bits (min)
fIN = 1 MHz, VIN = −0.5 dBFS
−82
dBc
THD
Total Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−83.5
-75
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
−83
-75
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
−88
dBc
H2
Second Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−90
-80
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
−90
-80
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
−88
dBc
H3
Third Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−86
-78.5
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
−84
-77
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
86
dBc
SFDR
Spurious Free Dynamic Range
fIN = 10 MHz, VIN = −0.5 dBFS
86
78.5
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
85
77
dBc (min)
fIN = 9.6 MHz and 10.2 MHz, each = −6.0
IMD
Intermodulation Distortion
−74
dBFS
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel—Channel Offset Match
±0.3
%FS
Channel—Channel Gain Match
±4
%FS
10 MHz Tested, Channel;
90
dBc
32.5 MHz Other Channel
Crosstalk
10 MHz Tested, Channel;
90
dBc
65 MHz Other Channel
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com