Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  SCANSTA101SM/NOPB Datasheet HTML 1Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 2Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 3Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 4Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 5Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
CONNECTION DIAGRAM
Figure 2. NFBGA Package Pinout
(Top View)
PIN DESCRIPTIONS
Pin
No. Pins
I/O
Description
Name
VCC
4
N/A
Power
GND
4
N/A
Ground
D(15:0)
16
I/O
Bidirectional Data Bus. Signals are bonded out for the packaged
device.
D(31:16) (1)
16
I/O
Bidirectional Data Bus. These signals are not available in the packaged
device.
A(4:0)
5
I
Address Bus
SCK
1
I
The system clock that drives all internal timing. TCK_SM is a gated,
divided and buffered version of SCK.
INT
1
O
Interrupt Output
OE
1
I
Output enable that will TRI-STATE all 1149.1 "_SM" outputs when high.
DTACK
1
O
DTACK is used to synchronize asynchronous transfers between the
host and the SCANSTA101. When CE is high, DTACK is tristated.
When CE is low, DTACK is enabled. DTACK goes low when data has
been registered and then goes tri-state when the cycle has completed.
R/W
1
I
R/W defines a PPI cycle. Read when high, write when low.
STB
1
I
Strobe is used for timing all PPI transfers. D(15:0), or D(31:0) in 32-bit
mode (1), are at TRI-STATE when STB is high. Data valid setup is with
respect to the falling edge of STB and data valid hold is with respect to
rising edge of STB.
CE
1
I
Chip Enable, when low, enables the PPI for data transfers. CE can
remain low during back-to-back accesses. D(15:0), or D(31:0) in 32-bit
mode (1), and DTACK are tristated when CE is high.
RST
1
I
Asynchronous reset, when low, initializes the SCANSTA101.
TDO
1
O
Test Data Out is the serial scan output from the SCANSTA101. TDO is
enabled when OE is low.
(1)
D(31:16) in the Parallel Processor Interface and TRST1_SM in the Serial Scan Interface are not bonded out for the packaged device.
These are used in the 32-bit IP Macro Mode only.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com