Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  SCANSTA101SM/NOPB Datasheet HTML 1Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 2Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 3Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 4Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 5Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
Check for Samples: SCANSTA101
1
FEATURES
DESCRIPTION
The SCANSTA101 is designed to function as a test
2
•
Compatible with IEEE Std. 1149.1 (JTAG) Test
master for an IEEE 1149.1 boundary scan test
Access Port and Boundary Scan Architecture
system. It is suitable for use in embedded IEEE
•
Supported by Texas Instruments' SCAN Ease
1149.1 applications and as a component in a stand-
(SCAN Embedded Application Software
alone boundary scan tester.
Enabler) Software Rev 2.0
The SCANSTA101 is an enhanced version of, and a
•
Uses Generic, Asynchronous Processor
replacement
for,
the
SCANPSC100.
The
Interface; Compatible with a Wide Range of
SCANSTA101 supports the IEEE 1149.1 Test Access
Processors and Processor Clock (PCLK)
Port (TAP) standard and the IEEE 1532 standard for
Frequencies
in-system configuration of programmable devices.
•
16-Bit Data Interface (IP Scalable to 32-bit)
The SCANSTA101 improves test vector throughput
•
2k x 32 Bit Dual-Port Memory
and reduces software overhead in the system
processor. The SCANSTA101 presents a simple,
•
Load-on-the-Fly (LotF) and Preloaded Vector
register-based interface to the system processor.
Operating Modes Supported
Texas Instruments provides C-language source code
•
On-Board Sequencer Allows Multi-Vector
which can be included in the embedded system
Operations such as those Required to Load
software. The combination of the SCANSTA101 and
Data Into an FPGA
its support software comprises a simple API for
boundary scan operations.
•
On-Board Compares Support Test Data In
(TDI) Validation Against Preloaded Expected
The interface from the SCANSTA101 to the system
Data
processor is implemented by reading and writing
registers, some of which map to locations in the
•
32-Bit Linear Feedback Shift Register (LFSR)
SCANSTA101 memory. Hardware handshaking and
at the Test Data In (TDI) Port for Signature
interrupt lines are provided as part of the processor
Compression
interface.
•
State, Shift, and BIST Macros Allow
The SCANSTA101 is available as a stand-alone
Predetermined Test Mode Select (TMS)
device packaged in a 49-pin NFBGA package. It is
Sequences to be Utilized
also available as an IP macro for synthesis in
•
Operates at 3.3 V Supply Voltages with 5 V
programmable logic devices.
Tolerant I/O
•
Outputs Support Power-Down TRI-STATE
Mode.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SCANSTA101SM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCANSTA101SM/NOPB TI2-SCANSTA101SM/NOPB Datasheet
923Kb / 42P
SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
REVISED APRIL 2013
SCANSTA101SM/NOPB.A TI2-SCANSTA101SM/NOPB.A Datasheet
923Kb / 42P
SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
REVISED APRIL 2013
More results

Similar Description - SCANSTA101SM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
SCANSTA476 NSC-SCANSTA476 Datasheet
502Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
SCANSTA101 NSC-SCANSTA101 Datasheet
403Kb / 31P
Low Voltage IEEE 1149.1 STA Master
logo
Texas Instruments
SN54LVT8980A TI-SN54LVT8980A Datasheet
575Kb / 35P
EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTER WITH 8-BIT GENERIC HOST INTERFACES
logo
National Semiconductor ...
SCAN16602 NSC-SCAN16602 Datasheet
132Kb / 9P
Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE-R Outputs
SCANSTA476_0508 NSC-SCANSTA476_0508 Datasheet
501Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
SCANSTA476 TI1-SCANSTA476 Datasheet
739Kb / 12P
SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
JTAG (IEEE 1149.1) Protocol
logo
National Semiconductor ...
SCANSTA101 NSC-SCANSTA101_06 Datasheet
641Kb / 32P
Low Voltage IEEE 1149.1 STA Master
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com