Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 2Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 3Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 4Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 5Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 9Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
DC ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Units
IOFF
Power Off Leakage Current
VCC = 0.0V
5.0
μA
All pins except TDI, TMS, TRST, and TDI_SM
ICC
Maximum Quiescent Supply Current
250
μA
ICCmax
Maximum Supply Current
All inputs low
1.2
mA
ICCT
Maximum ICC/Input
VIN = VCC − 0.6V
250
μA
AC ELECTRICAL CHARACTERISTICS/OPERATING REQUIREMENTS
Over recommended operating supply voltage and temperature ranges unless otherwise specified. CL = 50 pF, RL = 500Ω
unless otherwise specified.
Symbol
Parameter
Conditions
# of SCK
Min
Max
Units
(1) (2)
PARALLEL PROCESSOR INTERFACE (PPI)
tS1
Set Up Time
See Figure 12 and Figure 13
0
ns
CE, R/W, Addr, Data to STB
tH1
Hold Time
See Figure 12 and Figure 13
0
ns
CE, R/W, Addr, Data to DTACK
tD1
Propagation Delay
See Figure 12
2 or 3
11.5
ns
STB low to DTACK low, Register Write
tD1
Propagation Delay
See Figure 13
4 or 5
11.5
ns
STB low to DTACK low, Register Read
tD1
Propagation Delay
STB low to DTACK low, Memory Write:
See Figure 12
3 or 4
11.5
ns
16-bit first access
tD1
Propagation Delay
STB low to DTACK low, Memory Write:
See Figure 12
7 or 8
11.5
ns
16-bit second access
tD1
Propagation Delay
STB low to DTACK low, Memory Read:
See Figure 13
9 or 10
11.5
ns
16-bit first access
tD1
Propagation Delay
STB low to DTACK low, Memory Read:
See Figure 13
3 or 4
11.5
ns
16-bit second access
tD2
Propagation Delay
STB high to DTACK TRISTATE, Register
See Figure 12
1 or 2
10.0
ns
Write
tD2
Propagation Delay
STB high to DTACK TRISTATE, Register
See Figure 13
1 or 2
10.0
ns
Read
tD2
Propagation Delay
STB high to DTACK TRISTATE, Memory
See Figure 12
1 or 2
10.0
ns
Write: 16-bit first access
tD2
Propagation Delay
STB high to DTACK TRISTATE, Memory
See Figure 12
1 or 2
10.0
ns
Write: 16-bit second access
tD2
Propagation Delay
STB high to DTACK TRISTATE, Memory
See Figure 13
1 or 2
10.0
ns
Read: 16-bit first access
tD2
Propagation Delay
STB high to DTACK TRISTATE, Memory
See Figure 13
1 or 2
10.0
ns
Read: 16-bit second access
(1)
Due to uncertainty in the relationship of the STB placement to the system clock, SCK, the STB may be detected during the current or
the next SCK cycle.
(2)
An absolute maximum delay can be calculated as: (Max # SCK) x (SCK Period) + tD.For example, for tD1 (STB low to DTACK low,
register write), the # SCK cycles is 2 or 3 and the delay, tD, is 11.5ns. For a SCK with a 100ns period, the absolute maximum delay is (3
x 100ns) + 11.5, or 311.5ns.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com