Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCANSTA101SM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  SCANSTA101SM/NOPB Datasheet HTML 1Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 2Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 3Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 4Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 5Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 6Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin
No. Pins
I/O
Description
Name
TDI
1
I
Test Data In is the serial scan input to the SCANSTA101.
TMS
1
I
Test Mode Select. The Test Mode Select pin is a serial input used to
accept control logic to the test & debug interface.
TCK
1
I
Test Clock Input for 1149.1
TRST
1
I
Test Reset. This pin should be tied to ground by a 1K resistor to hold
the Test and Debug Interface in the Test-Logic-Reset state during
device power-up. This avoids invalid states when ramping supply
voltages.
TDI_SM
1
I
STA Master Test Data Input in the Serial Scan Interface
TDO_SM
1
O
STA Master Test Data Output in the Serial Scan Interface
TMS_SM
1
O
STA Master Test Mode Select in the Serial Scan Interface
TCK_SM
1
O
STA Master Test Clock in the Serial Scan Interface
TRST0_SM
1
O
STA Master Test Reset output in the Serial Scan Interface
TRST1_SM (1)
1
O
Redundant ScanMaster TRST. This signal is not available for the
packaged device.
TRIST_SM
1
O
The TRI-STATE notification pin exerts a high signal when TDO_SM is
at TRI-STATE
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com