Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5080MM/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5080MM/NOPB
Description  Modular Current Sharing Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5080MM/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5080MM/NOPB Datasheet HTML 5Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 6Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 7Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 8Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 9Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 10Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 11Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 12Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Load
Power
Converter
Sense-
TRIM
GND
VCC
CSP
CS
Current Sharing
Amplifier
TRO
RSO
R
R
R
R
CS
M
CSO
Remote Sense
Driver
LM5080
VCC
SHR
IT
Voltage
Reference
10:
Sense +
Error
Amp
10:
Vou
t
+
Vou
t
-
VCC
8R
8R
C TRO
RTRO
+VRS -
NRND
LM5080
www.ti.com
SNVS387C – SEPTEMBER 2005 – REVISED MARCH 2013
REFERENCE ADJUSTMENT OPERATION MODE
The reference adjust or trim adjust mode configuration is shown in Figure 13. Typically only the current share
amplifier is used, however the RSO buffer can be optionally configured for boosting the transconductance to
increase the current share loop gain (Figure 14). CSP is left open and CSM is connected to a low side current
sense resistor. The TRO output is connected to the TRIM pin of the power converter to inject a correction that
adjusts the voltage regulator.
To understand the control loop, assume for a moment the SHR pin is disconnected from the share bus. Since
both inputs to the current share amplifier are equal, the TRO output current (IT) is zero and independent of the
sense resistor voltage (VRS). Hence the voltage regulation loop of each converter is unaffected by the LM5080
when the SHR bus is open. When the SHR pins are connected in a 2 supply system, the transfer function
between the sense resistor voltages (VRS1 & VRS2) and the current injected into each power converter TRIM
pin (IT1 & IT2) are as follows:
IT1 = 0.9 x gm x (VRS1 - VRS2)
IT2 = 0.9 x gm x (VRS2 - VRS1)
where
•
gm = current share amplifier transconductance (8.7mA/V)
As long as the current sharing is equal (VRS1=VRS2), the correction to the references (IT1 & IT2) will remain
unchanged. However, any difference between VRS1 and VRS2 will drive the TRIM pin currents in opposite
polarities. As a result the power converter output voltages will be adjusted to force VRS1=VRS2. For 3 or more
channels, the same averaging concept is true; the injected currents (IT) will drive the references such that the
sense voltages are nearly identical.
A capacitor from TRO to ground (CTRO) sets the dominant pole of the current share loop. The pole location is
determined by gm, CTRO and the impedance of the regulator trim pin. The current share loop frequency
response does not need to be fast and in fact should be less than or equal to 1/10th the regulator bandwidth.
Since similar regulators will have similar transient responses to a load step, the LM5080 only needs to correct
the differences in each regulator’s voltage reference and feedback divider which do not require a fast response.
In some systems a small resistor (RTRO) in series with CTRO can improve stability by introducing a zero at high
frequencies to increase the phase margin of the current share loop.
It is essential that the VCC pins of all LM5080’s be tied to the same point in this mode. Any mismatch in the VCC
voltages between LM5080’s will significantly contribute to current share errors. The current sense resistors
should be located as close to the load as possible to minimize trace resistance in series with the sense resistors
which can also contribute to sharing errors. In this mode, the best accuracy will be achieved with lower VCC
values since any mismatch in the gain resistors internal to the LM5080 will affect the current share accuracy.
Figure 13. Reference Adjust Mode Implementation
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com