Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5080MM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5080MM/NOPB
Description  Modular Current Sharing Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5080MM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5080MM/NOPB Datasheet HTML 10Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 11Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 12Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 13Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 14Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 15Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 16Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 17Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
NRND
LM5080
SNVS387C – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
GENERAL DESIGN PROCEDURE
1. Select an appropriate sense resistor value. More sense voltage will result in better load sharing but more
efficiency loss. Sense voltages of 50mV or more are recommended. In addition, the sense voltage at full load
should be less than 5% of VCC in applications that control the remote sense terminals of the power supply.
2. For the reference adjust and feedback adjust modes, determine if transconductance (gm) boosting is
required. Boosting the transconductance also boosts the TRO pin current limit. The TRO pin current limit
(approximately 10µA typical) multiplied by the reference impedance determines the maximum correction the
LM5080 can make to the reference. The LM5080 must have enough TRO current to adjust the converter
output voltage by at least the accuracy of the reference. For example, if the reference accuracy is ±2%, the
LM5080 must have the ability to adjust the reference by at least 2% (in the event one converter is 2% high
and the other 2% low).
3. Compensate the current share loop by selecting an appropriate capacitance for CTRO. The compensation of
the current share loop is dependent on the frequency response of the output voltage to the controlling node
of the converter (TRIM pin, feedback divider or remote sense pins). Given the wide variety of converter
designs and the many operating modes of the LM5080, selection of CTRO is best accomplished using a
simple iterative procedure. Start with a large capacitance in TRO (100µF or more). While monitoring the load
current in each converter with a current probe, determine the minimum CTRO required for stability by
decreasing CTRO until the current sharing becomes unstable under step loads. The step loads should be
more than 50% of the load range and applied at a frequency well below the cross over frequency of the
converter. The TRO capacitance can be further reduced by introducing some resistance (RTRO) in series
with CTRO to cancel the 2nd order poles within the converter.
4. If RTRO > 100
Ω in either remote sense mode, a second CTRO capacitor (~ 2nF) should be added between
TRO and CSP to keep the error amplifier stable.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com