Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5080MM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5080MM/NOPB
Description  Modular Current Sharing Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5080MM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5080MM/NOPB Datasheet HTML 8Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 9Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 10Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 11Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 12Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 13Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 14Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 15Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Load
Power
Converter
Sense-
GND
VCC
CSP
CS
Current Sharing
Amplifier
TRO
RSO
R
R
R
R
CS
M
CSO
Remote Sense
Driver
LM5080
VCC
SHR
IT
Voltage
Reference
10:
Sense +
Error
Amp
10:
Vou
t
+
Vou
t
-
VCC
8R
8R
C TRO
RTRO
+VRS -
NRND
LM5080
SNVS387C – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
FEEDBACK ADJUSTMENT MODE
The feedback adjust mode configuration is shown in Figure 17. It is very similar to the reference adjust mode
except the current sensing is done on the high side of the load and the correction is applied to the feedback
resistor divider in the voltage regulation loop.
Similar to the reference adjust mode, the transfer functions between the sense resistor voltages (VRS) and the
currents injected into the power converter TRIM pin (IT) are:
IT1 = 0.9 x gm x (VRS1 - VRS2)
IT2 = 0.9 x gm x (VRS2 - VRS1)
where
•
gm = current share amplifier transconductance (8.7mA/V)
As previously described, provided the current sharing is equal (VRS1=VRS2), the correction current to the
reference (IT) will be zero. However, any difference between VRS1 and VRS2 will drive the TRIM pin currents in
opposite polarities. As a result the power converter output voltages will be adjusted to force VRS1=VRS2.
In this mode, VCC must be biased at least 2V higher than the output regulation voltage to maintain CSP and
CSM in the proper common mode range. It is essential the VCC pins of all LM5080’s be tied to the same point in
this mode. Any mismatch in the VCC voltages between LM5080’s will contribute to current share errors. For the
same reasons as discussed in the above two operating modes, the current sense resistors should be located as
close to the load as possible. In this mode, the best accuracy will be achieved with lower VCC values since any
mismatch in the gain resistors internal to the LM5080 will affect the current share accuracy.
Figure 17. Feedback Adjust Mode Implementation
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com