Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V104 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SAA6752HS/V104
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V104 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SAA6752HS/V104 Datasheet HTML 45Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 46Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 47Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 48Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 49Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 50Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 51Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 52Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Note
1. If no Q matrix is downloaded then the default is the MPEG standard and no Q matrix is inserted into the stream.
79
I
quantizer matrix
R/W 2
× 64 bytes
array of integers
(8
× 8 bytes)
−
Specifies the quantizer matrix as 2 tables,
each an 8
× 8 array. Data must be
transferred column by column, not row by
row. The inter Q matrix must be downloaded
first, the intra Q matrix downloaded second;
note 1.
7A
I
reserved
−−
−
−
−
7B
I
disable forced
backward prediction
R/W 1 byte
0
Applies only for GOP structures starting with
a B-frame: Disabled forced backward
prediction results in non-editable (open)
GOPs with prediction from a former GOP.
Enabled forced backward prediction results
in backward predicted closed GOPs without
prediction from a former GOP.
In all cases the leading B-frames of the very
first GOP structure after start of encoding
are forced to backward prediction.
bit 0 = 0
enabled
bit 0 = 1
disabled
7C
I
scan select
R/W 1 byte
0
bit 0 = 0
alternate scan
bit 0 = 1
zigzag scan
7D
I
quantizer scale
table
R/W 1 byte
0
bit 0 = 0
logarithmic
bit 0 = 1
linear
ADR
HEX
M
COMMAND NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com