| Electronic Components Datasheet Search |
|
SAA6752HS/V104 Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA6752HS/V104 Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 71 page ![]() 2004 Jan 26 19 Philips Semiconductors Product specification MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer SAA6752HS 7.3.2 VIDEO ENCODER CONFIGURATION OPTIONS The following configuration options can be selected from the host: • VIDEO COMPRESSION SETTINGS. I, IP and IPB encoding with various GOP structures can be selected. • ENCODER BIT RATE. The bit rate for variable bit rate or constant bit rate modes can be programmed using bit rate and quantization control parameters. These parameters can be adjusted whilst encoding, not just set at initialization. • ENCODER PERFORMANCE TUNING. The ability for the user to tune encoding performance is provided by allowing control of adaptive quantization depth. Also the SAA6752HS allows download of new quantizer matrix contents. 7.3.3 VIDEO ENCODER STATUS INFORMATION The following status information is available to the host: • CURRENT ENCODER BIT RATE. The actual encoded bit rate, as number of bytes per GOP, is available allowing the use of constrained variable bit rate algorithms to fine tune the encoding efficiency. 7.3.4 GOP STRUCTURE The programmable GOP structure features a reference frame distance (M) up to 3, and a GOP length (N) of up to 19. Supported structures are real closed GOP(M,N) and backward predicted closed GOP(M,N). For the use of B-frames in D1 and 2/3D1 mode a 64 Mbit SDRAM is needed. In D1 mode, B-frames will be unidirectional. Backward predicted closed GOPs may have the first one (M = 2) or two (M = 3) B-frames referenced inside the GOP dependent on the I2C-bus register settings. This is intended for editable applications as GOPs are independent of each other. Non-editable GOPs allow the first one (M = 1) or two (M = 2) B-frames to be referenced to the P-frame in the previous GOP. This is a non-editable format but has optimum encoding efficiency. This structure is sometimes called an open GOP. The first one (M = 1) or two (M = 2) B-frames in the first GOP of a sequence are always forced backwards predicted. Table 3 GOP Notes 1. Undefined. 2. This GOP structure is defined as a Real Closed GOP (RCG). 3. This GOP structure is defined as a Backward Predicted Closed GOP (BPCG) or Non-Editable GOP (NEG), selectable via the I2C-bus. GOP LENGTH (N) REFERENCE FRAME DISTANCE (M) 01 2 3 1I (1) (1) (1) 2 (1) IP (1) (1) 3 (1) IPP IBP(2) (1) 4 (1) IPPP BIBP(3) IBBP(2) 5 (1) IPPPP IBPBP(2) (1) 6 (1) IPP...PP BIBPBP(3) BBIBBP(3) 7 (1) IPP...PP IBP...BP(2) IBBPBBP(2) 8 (1) IPP...PP BIBP...BP(3) (1) 9 (1) IPP...PP IBP...BP(2) BBI...BBP(3) 10 (1) IPP...PP BIBP...BP(3) IBBP...BBP(2) 11 (1) IPP...PP IBP...BP(2) (1) 12 (1) IPP...PP BIBP...BP(3) BBI...BBP(3) 13 (1) IPP...PP IBP...BP(2) IBBP...BBP(2) 14 (1) IPP...PP BIBP...BP(3) (1) 15 (1) IPP...PP IBP...BP(2) BBI...BBP(3) 16 (1) IPP...PP BIBP...BP(3) IBBP...BBP(3) 17 (1) IPP...PP IBP...BP(2) (1) 18 (1) IPP...PP BIBP...BP(3) BBI...BBP(3) 19 (1) IPP...PP IBP...BP(2) IBBP...BBP(2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |