Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V104 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # SAA6752HS/V104
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V104 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SAA6752HS/V104 Datasheet HTML 48Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 49Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 50Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 51Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 52Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 53Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 54Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 55Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Notes
1. In systems that use 16 Mbit SDRAM, due to system architecture constraints, LPCM bypass must be restricted to be used with I and IP video
encoding only. There is no constraint if 64 Mbit SDRAM is used.
2. All compressed audio data is 16-bit. In the event of LPCM bypass 20-bit data will be truncated to 16 bits.
94
I
audio encoding
bit rate and output
resolution
R/W 1 byte
256 kbit/s
16-bit
defines the audio encoding bit rate (see
Section 7.5); note 2
bit 0 = 0
256 kbit/s
bit 0 = 1
384 kbit/s
bit 1 = 0
16-bit
bit 1 = 1
reserved
95
I
audio clock output
frequency
R/W 1 byte
256
×
48 kHz
selects the output frequency at the audio clock
mode
bit 0 = 0
256
× 48 kHz
bit 0 = 1
384
× 48 kHz
96
I
audio
pre-emphasis
mode
R/W 1 byte
off
selects audio pre-emphasis mode of input
signal (valid for MPEG encoding only)
bit[1:0] = 00
off
bit[1:0] = 01
50/15 ms
bit[1:0] = 10
CCITT J17
ADR
HEX
M
COMMAND
NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com