Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA6752HS/V104 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA6752HS/V104
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V104 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA6752HS/V104 Datasheet HTML 4Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 5Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 6Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 7Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 8Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 9Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 10Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 11Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
2004 Jan 26
8
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
6
PINNING
SYMBOL
PIN
INPUT/OUTPUT(1)
Imax
(mA)
DESCRIPTION
VSSP
1
ground
−
pad ground
SDATA1
2
input
−
I2S-bus serial data input port 1 with internal pull-down resistor
SCLK1
3
input/output
4
I2S-bus serial clock port 1 with internal pull-down resistor
SWS1
4
input/output
4
I2S-bus word select port 1 with internal pull-down resistor
VDDP
5
supply
−
pad ring supply voltage (3.3 V)
SDATA2
6
input/output
4
I2S-bus serial data port 2 with internal pull-down resistor
SCLK2
7
input/output
4
I2S-bus serial clock port 2 with internal pull-down resistor
SWS2
8
input/output
4
I2S-bus word select port 2 with internal pull-down resistor
ACLK
9
output
4
audio clock output (256fs or 384fs)
VSSP
10
ground
−
pad ground
IDQ
11
input
−
reserved input with internal pull-down resistor; (recommended
to connect to pin VSSP)
YUV0
12
input
−
video input signal bit 0 (LSB)
YUV1
13
input
−
video input signal bit 1
YUV2
14
input
−
video input signal bit 2
YUV3
15
input
−
video input signal bit 3
YUV4
16
input
−
video input signal bit 4
YUV5
17
input
−
video input signal bit 5
YUV6
18
input
−
video input signal bit 6
YUV7
19
input
−
video input signal bit 7 (MSB)
VSSP
20
ground
−
pad ground
HSYNC
21
input
−
horizontal sync input (video) with internal pull-down resistor
VSYNC
22
input
−
vertical sync input (video) with internal pull-down resistor
FID
23
input
−
video field identification input (odd/even field) with internal
pull-down resistor
VCLK1
24
input
−
video clock input 1 (27 MHz) with internal pull-down resistor
VSSCO
25
ground
−
core ground
VSSCO
26
ground
−
core ground
VDDCO
27
supply
−
core supply voltage (2.5 V)
VDDCO
28
supply
−
core supply voltage (2.5 V)
VDDP
29
supply
−
pad ring supply voltage (3.3 V)
VCLK2
30
input
−
video clock input 2 (27 MHz) with internal pull-down resistor
PDOAV
31
3-state output
4
parallel stream data output for audio/video identifier
PDIDS
32
input
−
parallel stream data input for data strobe [request for packet in
Data Expansion Bus Interface (DEBI) slave mode] with internal
pull-up resistor
PDOSYNC
33
3-state output
4
parallel stream data output for packet sync
VSSP
34
ground
−
pad ground
PDOVAL
35
3-state output
4
parallel stream data valid output with internal pull-up resistor
PDO0
36
3-state output
4
parallel stream data output bit 0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com