Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9535LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9535LE
Description  SMBus I/O port with interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9535LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4IOE5V9535LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
16-bit I
2C-bus and SMBus I/O port with interrupt
2016-01-0026
PT0561-2
02/15/16
1
PI4IOE5V9535
Features
 Operation power supply voltage from 2.3V to 5.5V
 16-bit I/O pins which can be programmed as Input
or Output
 5V tolerant I/Os
 Polarity inversion register
 Active LOW interrupt output
 Low current consumption
 0Hz to 400KHz clock frequency
 Noise filter on SCL/SDA inputs
 Power-on reset
 ESD protection (4KV HBM and 1KV CDM)
 Latch-up tested (exceeds 100mA)
 Offered in two different packages: TSSOP-24 and
TQFN 4x4-24
Description
The PI4IOE5V9535 is a 24-pin device that
provides
16
bits
of
General
Purpose
parallel
Input/Output (GPIO) expansion for I
2C-bus/SMBus
applications It includes the features such as higher
driving capability, 5V tolerance, lower power supply,
individual I/O configuration, and smaller packaging. It
provides a simple solution when additional I/O is
needed for ACPI power switches, sensors, push
buttons, LEDs, fans, etc.
The
PI4IOE5V9535
consists
of
two
8-bit
Configuration (Input or Output selection), Input,
Output and Polarity Inversion (active HIGH or active
LOW operation) registers. The system master can
enable the I/Os as either inputs or outputs by writing to
the I/O configuration bits. The data for each input or
output is kept in the corresponding Input port or
Output port register. The polarity of the read register
can be inverted with the Polarity Inversion register. All
registers can be read by the system master.
The
PI4IOE5V9535
is
identical
to
the
PI4IOE5V9555 except for the removal of the internal
I/O pull-up resistor which greatly reduces power
consumption when the I/Os are held LOW.
The PI4IOE5V9535 open-drain interrupt output is
activated when any input state differs from its
corresponding Input Port register state and is used to
indicate to the system master that an input state has
changed. The power-on reset sets the registers to their
default values and initializes the device state machine.
Three hardware pins (A0, A1, A2) vary the fixed
I2C-bus address and allow up to eight devices to share
the same I2C-bus/SMBus. The fixed I2C-bus address
of
the
PI4IOE5V9535
are
the
same
as
the
PI4IOE5V9535 allowing up to eight of these devices
in any combination to share the same I2C-bus/SMBus.
Pin Configuration
Figure 1: TSSOP-24 ( Top View )
Figure 2: TQFN 4x4-24 ( Top View )


Similar Part No. - PI4IOE5V9535LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
SMBus low power I/O port
PI4IOE5V9536UE PERICOM-PI4IOE5V9536UE Datasheet
498Kb / 12P
SMBus low power I/O port
PI4IOE5V9536UEX PERICOM-PI4IOE5V9536UEX Datasheet
498Kb / 12P
SMBus low power I/O port
PI4IOE5V9536WE PERICOM-PI4IOE5V9536WE Datasheet
498Kb / 12P
SMBus low power I/O port
PI4IOE5V9536WEX PERICOM-PI4IOE5V9536WEX Datasheet
498Kb / 12P
SMBus low power I/O port
More results

Similar Description - PI4IOE5V9535LE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
logo
Pericom Semiconductor C...
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
SMBus I/O Expander With Interrupt Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com