Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9535LE Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9535LE
Description  SMBus I/O port with interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9535LE Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9535LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 15Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0026
PT0561-2
02/15/16
14
PI4IOE5V9535
16-bit I
2C-bus and SMBus I/O port with interrupt
Minimizing ICC when the I/Os are used to control LEDS
When the I/Os are used to control LEDs, they are normally connected to VCC through a resistor as shown in Figure 11. Since
the LED acts as a diode, when the LED is off the I/O VI is about 1.2 V less than VCC. The supply current, ICC, increases as VI
becomes lower than VCC.
Designs need minimize current consumption, such as battery power applications, should consider maintaining the I/O pins
greater than or equal to VCC when the LED is off. Figure 11 shows a high value resistor in parallel with the LED. Figure 12
shows VCC less than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI at or above VCC and
prevent additional supply current consumption when the LED is off.
Figure 11: High value resistor in parallel with the LED
Figure 12: Device supplied by a lower voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com