Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9535LE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9535LE
Description  SMBus I/O port with interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9535LE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9535LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0026
PT0561-2
02/15/16
10
PI4IOE5V9535
16-bit I
2C-bus and SMBus I/O port with interrupt
e. Bus Transaction
i. Writing to the port registers
Data is transmitted to the PI4IOE5V9535 by sending the device address and setting the least significant bit to a logic 0. The
command byte is sent after the address and determines which register will receive the data following the command byte.
The eight registers within the PI4IOE5V9535 are configured to operate as four register pairs. The four pairs are Input Ports,
Output Ports, Polarity Inversion Ports, and Configuration Ports. After sending data to one register, the next data byte will be sent
to the other register in the pair. For example, if the first byte is sent to Output Port 1 (register 3), the next byte will be stored in
Output Port 0 (register 2).There is no limitation on the number of data bytes sent in one write transmission. In this way, each 8-bit
register
may be updated independently of the other registers.
Figure 5: Simplified schematic of I/Os
After power-on reset, all registers return to default values.
Figure 6: Write to output registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com