Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9535LE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9535LE
Description  SMBus I/O port with interrupt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9535LE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9535LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0026
PT0561-2
02/15/16
11
PI4IOE5V9535
16-bit I
2C-bus and SMBus I/O port with interrupt
Write to Output port register
ii. Reading the port registers
In order to read data from the PI4IOE5V9535, the bus master must first send the PI4IOE5V9535 address with the least
significant bit set to a logic 0. The command byte is sent after the address and determines which register will be accessed. After a
restart, the device address is sent again, but this time the least significant bit is set to a logic 1. Data from the register defined by
the command byte will then be sent by the PI4IOE5V9535. Data is clocked into the register on the falling edge of the acknowledge
clock pulse. After the first byte is read, additional bytes may be read but the data will now reflect the information in the other
register in the pair. For example, if you read Input Port 1, then the next byte read would be Input Port 0. There is no limitation on
the number of data bytes received in one read transmission but the final byte received, the bus master must not acknowledge the
data.
Figure 7: Write to configuration registers
Figure 8: Read from registers
Note: Transfer can be stopped at any time by a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com