Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8601MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
The OFFSET pin must be driven from a very low-impedance source (< 10
Ω) because the OFFSET pin internally connects directly to the
resistive feedback networks of the two gain stages. When the OFFSET pin is driven from a relatively large impedance (for example, a
resistive divider between the supply rails), accuracy decreases.
7.3 Feature Description
7.3.1 Offset Input Pin
The OFFSET pin allows the output signal to be level-shifted to enable bidirectional current sensing. The output
signal is bidirectional and mid-rail referenced when the offset pin is connected to the positive supply rail. With the
offset pin connected to ground, the output signal is unidirectional and ground-referenced.
The signal on the A1 and OUT pins is ground-referenced when the offset pin is connected to ground. This means
that the output signal can only represent positive values of the current through the shunt resistor, so only
currents flowing in one direction can be measured.
When the offset pin is tied to the positive supply rail, the signal on the A1 and OUT pins is referenced to a mid-
rail voltage which allows bidirectional current sensing. The operation of the amplifier will be fully bidirectional and
symmetrical around 0 V differential at the input pins. The signal at the output will follow this voltage difference
multiplied by the gain and at an offset voltage at the output of half VS.
When the offset pin is connected to an external voltage source, the output signal will be level shifted to that
voltage divided by two. In principle, the output signal can be shifted to any voltage between 0 and VS / 2 by
applying twice that voltage to the OFFSET pin.
NOTE
The OFFSET pin must be driven from a very low-impedance source (< 10
Ω). This low
source impedance is required because the OFFSET pin internally connects directly to the
resistive feedback networks of the two gain stages. When the OFFSET pin is driven from
a relatively large impedance (for example, a resistive divider between the supply rails),
accuracy decreases.
Examples:
•
LMP8601, LMP8601-Q1: A 5-V supply, a gain of 20x, OFFSET pin tied to VS, and a differential input signal of
10 mV results in 2.7 V at the output pin. Similarly, –10 mV at the input results in 2.3 V at the output pin.
•
LMP8602, LMP8602-Q1: A 5-V supply, a gain of 50x, and a differential input signal of 10 mV results in 3.0 V
at the output pin. Similarly, –10 mV at the input results in 2.0 V at the output pin.
•
LMP8603, LMP8603-Q1: A 5-V supply, a gain of 100x, and a differential input signal of 10 mV results in 3.5 V
at the output pin. Similarly, –10 mV at the input results in 1.5 V at the output pin.(1) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com