Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8601MA/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
1
R1R2C1C2
Zo =
K2
QZo
jZ
Zo
2
(jZ)
2
+ 1
+
G(jZ) = K1 *
H(s) =
s
2
+ s *
R1R2C1C2
1
1
R1C2
+
R2C2
+
+
K1 * K2
(1 - K2)
R2C1
1
R1R2C1C2
1
OUT
+
-
Preamplifier
+IN
-IN
Output Buffer
Gain = K2
A1
A2
Gain = K1
OFFSET
Internal
R1
100 k:
C2
C1
R2
8
1
3
4
5
7
Level
shift
20
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Additional Second-Order Low-Pass Filter
The LMP86x1 and LMP86x1-Q1 have a third-order Butterworth lowpass characteristic with a typical bandwidth of
60 kHz integrated in the preamplifier stage. The bandwidth of the output buffer can be reduced by adding a
capacitor on the A1 pin to create a first-order low-pass filter with a time constant determined by the 100-k
Ω
internal resistor and the external filter capacitor.
It is also possible to create an additional second-order, Sallen-Key, low-pass filter by adding external
components R2, C1 and C2. Together with the internal 100-kΩ resistor R1 as illustrated in Figure 53, this circuit
creates a second-order, low-pass filter characteristic.
NOTE: K1 = 10; K2 = 2 for LMP8601, LMP8601-Q1; 5 for LMP8602, LMP8602-Q1; or 10 for LMP8603, LMP8603-Q1.
Figure 53. Second-Order Low-Pass Filter
When the corner frequency of the additional filter is much lower than 60 kHz, the transfer function of the
described amplifier can be written as:
where
•
K1 equals the gain of the preamplifier and K2 that of the buffer amplifier.
(1)
Equation 1 can be written in the normalized frequency response for a second-order lowpass filter:
(2)
The cutoff frequency
ωo in rad/sec (divide by 2π to get the cut-off frequency in Hz) is given by:
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com