Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8601MA/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
C1
RSENSE
POWER
SWITCH
INDUCTIVE
LOAD
24V
+IN
-IN
+
-
Preamplifier
Output Buffer
Gain = K2
A1
A2
Gain = 10
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
26
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Specifying Performance
To specify the high performance of the LMP860x and LMP860x-Q1, all minimum and maximum values shown in
the parameter tables of this data sheet are 100% tested, and all over temperature limits are also 100% tested
over temperature.
8.2 Typical Applications
8.2.1 High-Side, Current-Sensing Application
Figure 60 illustrates the application of the LMP860x and LMP860x-Q1 in a high-side sensing application. This
application is similar to the low-side sensing discussed below, except in this application the common-mode
voltage on the shunt drops below ground when the driver is switched off. Because the common-mode voltage
range of the LMP860x and LMP860x-Q1 extends below the negative rail, the LMP860x and LMP860x-Q1 are
also very well suited for this application.
NOTE: For this application example, K2 = 2.
Figure 60. High-Side, Current-Sensing Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com