Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8601MA/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
0.0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10
12
14
16
18
20
Load Current (A)
C001
VS = 5V
VS = 3.3V
RSENSE = 15mŸ
RSENSE =
VINMAX
ILOADMAX
=
10A
=
165 mV
16.5
PŸ
VINMAX =
VOUTMAX
Gain
=
3.3 V
20 V/V
= 165 mV
27
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
Using the circuit in Figure 60, the requirement is to measure coil current up to 10 A and drive the ADC input to a
maximum of 3.3 V. The OFFSET pin is grounded, so zero current will result in a zero volt output.
8.2.1.2 Detailed Design Procedure
First, the value of RSENSE must be determined. RSENSE can be found by dividing the maximum desired output
swing by the gain to determine the maximum input voltage. In this example, the LMP8601 is used, with a gain of
20 V/V, as shown in Equation 33:
(33)
Knowing 165 mV must be generated, the ideal value of the sense resistor can be determined through simple
ohms law:
(34)
The ideal sense resistor value is 16.5 m
Ω. The closest standard value is 15 mΩ, but this value may cause the
output to slightly overrange at 10 V. It is recommended to reduce the expected maximum output by a few percent
to allow for overloads and component tolerances. The next most popular values would be 10 m
Ω, 15 mΩ, and 20
m
Ω. 10 mΩ allows for a maximum output of 2 V at 10 A, but may be too low and not use the full output range. 20
m
Ω provides more sensitivity, but limits the maximum current to 8.25 A. 15 mΩ is a good compromise at 11 A
maximum, and allows for some component tolerance variation.
If a suitable sense resistor value is not available, it is possible to adjust the gain as detailed in the Gain
Adjustment section.
The sense resistor does dissipates power, so the maximum wattage rating and appropriate power deratings must
be observed. In the example above, the sense resistor dissipates 0.165 V × 10 A = 1.65 W, so a sense resistor
of at least twice the maximum expected power should be used (greater than 4 W).
8.2.1.3 Application Curve
Below is the expected output value using a 15-m
Ω sense resistor.
Figure 61. Expected Output Voltage vs Load Current Using 15-m
Ω Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com