Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6622MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6622MA/NOPB
Description  LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6622MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6622MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LMH6622
SNOS986E – DECEMBER 2001 – REVISED JULY 2014
www.ti.com
Table of Contents
8.3
Feature Description................................................. 16
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 16
2
Applications ........................................................... 1
9
Application and Implementation ........................ 17
3
Description ............................................................. 1
9.1
DSL Receive Channel Applications ........................ 17
4
Revision History..................................................... 2
9.2
Receive Channel Noise Calculation........................ 19
5
Pin Configuration and Functions ......................... 3
9.3
Differential Analog-to-Digital Driver......................... 20
6
Specifications......................................................... 4
9.4
Typical Application ................................................. 21
6.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 22
6.2
Handling Ratings....................................................... 4
10.1
Driving Capacitive Load ........................................ 22
6.3
Recommended Operating Conditions ....................... 4
11
Layout................................................................... 22
6.4
Thermal Information .................................................. 4
11.1
Layout Guidelines ................................................. 22
6.5
±6 V Electrical Characteristics .................................. 5
11.2
Layout Examples................................................... 23
6.6
±2.5 V Electrical Characteristics ............................... 6
12
Device and Documentation Support ................. 25
6.7
Typical Performance Characteristics ........................ 9
12.1
Trademarks ........................................................... 25
7
Parameter Measurement Information ................ 14
12.2
Electrostatic Discharge Caution ............................ 25
7.1
Test Circuits ............................................................ 14
12.3
Glossary ................................................................ 25
8
Detailed Description ............................................ 16
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 16
Information ........................................................... 25
8.2
Functional Block Diagram ....................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2013) to Revision E
Page
•
Changed data sheet flow and layout to conform with new TI standards. Added the following sections: Device
Information Table, Application and Implementation; Power Supply Recommendations; Layout; Device and
Documentation Support; Mechanical, Packaging, and Ordering Information ........................................................................ 1
•
Changed RG to RC. Changed AV from +10 to +9 for Figure 38 ............................................................................................ 20
•
Changed RG to RC. Changed AV from +10 to +9 for Figure 39 ............................................................................................ 20
Changes from Revision C (March 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format ............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com