Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6622MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6622MA/NOPB
Description  LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6622MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6622MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 23Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
-
R2
R2
-VA/2
VT1
1:N
1/2RL
1/2RL
R+
R1
+
-
+
1/2RS
1/2RS
R+
V2
RF
RF
LMH6622
+
-
R1
OUT
IN
LMH6672
-VOUT
+VOUT
VS
+VA/2

V1
DAC +
DAC -
ADC +
ADC -
-
VTN
+
IN OUT
LMH6622
www.ti.com
SNOS986E – DECEMBER 2001 – REVISED JULY 2014
9.4 Typical Application
See Figure 40 for application circuit.
Figure 40. ADSL Receive Applications Circuit
9.4.1 Design Requirements
All normal precautions / considerations with Op Amps apply
9.4.2 Detailed Design Procedure
•
Use power supply decoupling capacitors close to supply pins
•
Beware of junction temperature rise at elevated ambient temperature and / or heavy output(s) load current
especially at higher supply voltages
•
Ground plane near sensitive input pins can be removed to minimize parasitic capacitance
9.4.3 Application Curves
See Figure 38 and Figure 39.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com