Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6622MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6622MA/NOPB
Description  LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6622MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6622MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
102.8
104.8
106.8
108.8
110.8
112.8
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (kHz)
VS = ±6V
VO = 0.611VRMS
RF = 500:
RG = 174:
RL = 437:
551.3
553.3
555.3
557.3
559.3
561.3
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (kHz)
VS = ±6V
VO = 0.597VRMS
RF = 500:
RG = 174:
RL = 437:
551.3
553.3
555.3
557.3
559.3
561.3
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (kHz)
VS = ±2.5V
VO = 0.396VRMS
RF = 500:
RG = 174:
RL = 437:
102.8
104.8
106.8
108.8
110.8
112.8
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (kHz)
VS = ±2.5V
VO = 0.407VRMS
RF = 500:
RG = 174:
RL = 437:
LMH6622
www.ti.com
SNOS986E – DECEMBER 2001 – REVISED JULY 2014
Typical Performance Characteristics (continued)
Figure 25. Full Rate ADSL (DMT) Upstream MTPR
Figure 26. Full Rate ADSL (DMT) Downstream MTPR
@ VS = ±2.5 V
@ VS = ±2.5 V
Figure 27. Full Rate ADSL (DMT) Upstream MTPR
Figure 28. Full Rate ADSL (DMT) Downstream MTPR @ VS =
±6 V
@ VS = ±6 V
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com