Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6622MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6622MA/NOPB
Description  LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6622MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6622MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6622MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LMH6622
SNOS986E – DECEMBER 2001 – REVISED JULY 2014
www.ti.com
±2.5 V Electrical Characteristics (continued)
Unless otherwise specified, TJ = 25°C, V+ = 2.5 V, V− = −2.5 V, VCM = 0 V, AV = +2, RF = 500 Ω, RL = 100 Ω. Some limits
apply at the temperature extremes as noted in the table.
PARAMETER
TEST CONDITIONS
TEMPERATURE
ROOM
UNIT
EXTREMES
TEMPERATURE
MIN(1)
TYP(2)
MAX(1)
MIN(1)
TYP(2)
MAX(1)
OUTPUT CHARACTERISTICS
VO
Output Swing
No Load, Positive Swing
1.2
1.4
1.7
No Load, Negative Swing
−1
−1.5
−1.2
V
RL = 100 Ω, Positive Swing
1
1.2
1.5
RL = 100 Ω, Negative Swing
−0.9
−1.4
−1.1
RO
Output Impedance
f = 1 MHz
0.1
Ω
ISC
Output Short Circuit
Sourcing to Ground
100
137
Current
ΔVIN = 200 mV
(5) (6)
mA
Sinking to Ground
100
134
ΔVIN = −20 0mV
(5) (6)
IOUT
Output Current
Sourcing, VO = +0.8 V
mA
90
Sinking, VO = −0.8 V
POWER SUPPLY
+PSRR
Positive Power Supply
Input Referred,
72
78
93
dB
Rejection Ratio
VS = +2.5 V to +3 V
−PSRR
Negative Power Supply
Input Referred,
dB
70
75
88
Rejection Ratio
VS = −2.5 V to −3 V
IS
Supply Current (per
No Load
6.4
4.1
5.8
mA
amplifier)
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(6)
Short circuit test is a momentary test. Output short circuit duration is infinite for VS ≤ ±2.5 V, at room temperature and below. For VS >
±2.5 V, allowable short circuit duration is 1.5ms.
8
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com