Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3952RL/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 19Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 20Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 21Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 22Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 23Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 24Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 25Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 26Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
R1 output
G1 output
B1 output
R1SW bit
G1SW bit
B1SW bit
10% 10%
20%
20%
40%
10%
OFF ON
EN_BLINK bit
R1, G1, B1
CYCLE EN bits
100 - 10 - 10 = 80%
OFF
OFF
ON
ON
100 - 20 - 20 = 60%
100 - 40 - 10 = 50%
10% 10%
OFF ON
20%
OFF
Blinking cycle time
Remaining OFF time
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
Blinking ON/OFF cycle is defined so that there will be first OFF-period then ON-period after which follows an off-
period for the remaining cycle time that can not be set. If OFF and ON times are together more than 100% the
first OFF time will be as set and the ON time is cut to meet 100%. For example, if 50% OFF time is set and ON
time is set greater than 50%, only 50% ON time is used, the exceeding ON time is ignored. If OFF and ON times
are together less than 100% the remaining cycle time output is OFF.
Values for setting the blinking cycle for RGB1 can be seen in following table:
Table 3. R1, G1 and B1 Cycle Registers (02H, 04H and 06H):(1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise
noted)
Name
Bit
Decription
R1_CYCLE_EN
3
Blinking enable
G1_CYCLE_EN
0 = disabled
B1_CYCLE_EN
1 = enabled, output state is defined with blinking cycle
R1_CYCLE[2:0]
2-0
RGB1 cycle time
G1_CYCLE[2:0]
Bits
Blinking cycle time
Blinking frequency
B1_CYCLE[2:0]
000
0.1s
10 Hz
001
0.25s
4 Hz
010
0.5s
2 Hz
011
1s
1 Hz
100
2s
0.5 Hz
101
3s
0.33 Hz
110
4s
0.25 Hz
111
5s
0.2 Hz
Table 4. PATTERN_GEN_CTRL Register (11H):(1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
Name
Bit
Description
EN_BLINK
3
Blinking sequence start bit
0 = disabled
1 = enabled
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com