Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035T-I/ST Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP2035T-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035T-I/ST Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP2035T-I/ST Datasheet HTML 33Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 34Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 35Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 36Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 37Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 38Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 39Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 40Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 37
MCP2035
5.14
Configurable Output Enable Filter
The purpose of this filter is to enable the LFDATA
output and wake the external microcontroller only after
receiving a specific sequence of pulses on the LC input
pin. Therefore, it prevents waking up the external
microcontroller due to noise or unwanted input signals.
The circuit compares the timing of the demodulated
header waveform with a pre-defined value, and
enables the demodulated LFDATA output when a
match occurs.
The output enable filter consists of a high (TOEH) and
low duration (TOEL) of a pulse immediately after the
AGC settling gap time. The selection of high and low
times further implies a max period time. The output
enable high and low times are determined by SPI
programming. Figure 5-3 and Figure 5-4 show the
output enable filter waveforms.
There should be no missing cycles during TOEH.
Missing cycles may result in failing the output enable
condition.
FIGURE 5-3:
Output Enable Filter Timing.
FIGURE 5-4:
Output Enable Filter Timing Example (Detailed).
Data Packet
t
 TOEH
t
 TOEL
Required Output Enable Sequence
LFDATA output is enabled
on this rising edge
t
 TOET
Demodulator
Output
TGAP
Device Wake-up
Start bit
AGC
(TAGC + TPAGC)
TSTAB
and AGC Stabilization Gap Pulse
LF Coil Input
Demodulated LFDATA Output
Low
Standby
Mode
Current
Filter is passed and
LFDATA is enabled
Gap
TPAGC
3.5 ms
Filter
starts
TGAP
Start bit for data
(need
TSTAB
t
 TOEH
t
 TOEL
t
 TOET
t
 2TE
(AFE Stabilization)
“high”) Pulse
TAGC
(AGC initialization time)
Legend:
TAGC = AGC initialization time
TGAP = AGC stabilization gap
TPAGC = High time after TAGC
TOEH = Minimum output enable filter high time
TSTAB = AGC stabilization time (TAGC + TPAGC)TOEL = Minimum output enable filter low time
TE = Time element of pulse (minimum pulse width)
TOET = Maximum output enable filter period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com