Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035T-I/ST Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP2035T-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035T-I/ST Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP2035T-I/ST Datasheet HTML 44Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 45Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 46Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 47Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 48Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 49Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 50Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 51Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
MCP2035
DS22304A-page 48
 2012 Microchip Technology Inc.
FIGURE 5-12:
Detailed SPI Timing (AFE).
5.30.2.1
Clamp On Command
This command results in activating (turning on) the
modulation transistor of the input channel.
5.30.2.2
Clamp Off Command
This command results in deactivating (turning off) the
modulation transistor of input channel.
5.30.2.3
Sleep Command
This command places the device in Sleep mode –
minimizing current draw by disabling all but the
essential circuitry. Any other command wakes the
device from Sleep (e.g., Clamp Off command).
5.30.2.4
Soft Reset Command
The device issues a Soft Reset when it receives an
external Soft Reset command. The external Soft Reset
command is typically used to end a SPI communication
sequence or to initialize the device for the next signal
detection sequence, etc. See Section 5.19 “Soft
Reset”
for more details on Soft Reset.
If a Soft Reset command is sent during a “Clamp-on”
condition, the device still keeps the “Clamp-on” condi-
tion after the Soft Reset execution. The Soft Reset is
executed in Active mode only, not in Standby mode.
The SPI Soft Reset command is ignored if the device is
not in Active mode.
5.30.2.5
AGC Preserve On Command
This command results in preserving the AGC level
during each AGC initialization time and applies the
value to the data slicing circuit for the following data
stream. The preserved AGC value is reset by a Soft
Reset, and a new AGC value is acquired and pre-
served when it starts a new AGC initialization time. This
feature is disabled by an AGC Preserve Off command
(see Section 5.18 “AGC Preserve”).
5.30.2.6
AGC Preserve Off Command
This command disables the AGC preserve feature and
returns to the normal AGC tracking mode, fast tracking
during AGC settling time and slow tracking after that
(see Section 5.18 “AGC Preserve”).
5.30.3
READ/WRITE COMMANDS FOR
CONFIGURATION REGISTERS
The device includes eight Configuration registers,
including a Column Parity register and STATUS regis-
ter. All registers are readable and writable via SPI com-
mands, except the STATUS register, which is read-
only. Bit 0 of each register is a row parity bit (except for
STATUS Register 7) that makes the register contents
an odd number (“1”) including the parity bit itself.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
SCLK
SDIO
Command
Data Byte
Address
Row
Parity Bit
MSb
LSb
Note:
If the odd parity bits for the row and
column are incorrectly programmed, the
Parity Error Indicator (PEI) bit in the Status
Register 7 is set (“1”) and the ALERT
output pin will pull low, which causes extra
current draws.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com