Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035T-I/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2035T-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035T-I/ST Datasheet(HTML) 5 Page - Microchip Technology

  MCP2035T-I/ST Datasheet HTML 1Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 2Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 3Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 4Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 5Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 6Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 7Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 8Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
AC CHARACTERISTICS
Electrical Specifications:
Standard Operating Conditions (unless otherwise stated), Supply Voltage: 2.0V
VDD 3.6V, Operating temperature: -40°C  TA  +85°C,
LCCOM connected to VSS, LCX Input Signal: Sinusoidal 300 mVPP, Carrier Frequency = 125 kHz, Bits <3:1> of Configuration Register 0: LCXEN = 0, LCZEN =
LCYEN = 1.
Parameters
Sym.
Min.
Typ(2)
Max.
Units
Conditions
Input Sensitivity
VSENSE
13.0
6
mVPP VDD = 3.0V
Output enable filter disabled
AGCSIG = 0;
MODMIN = 00
(33% modulation depth setting)
Input = Continuous Wave (CW)
Output = Logic level transition from low-to-high at
sensitivity level for CW input.
Coil de-Q’ing Voltage - RF Limiter (RFLM)
must be active
VDE_Q
3—
5
V
VDD = 3.0V, Force IIN = 5 A
(worst case)
RF Limiter Turn-on Resistance at LCX pin
RFLM
—
300
700
Ω
VDD = 2.0V, VIN = 8 VDC
Sensitivity Reduction
SADJ
—0
—
dB
VDD = 3.0V
No sensitivity reduction selected
Maximum reduction selected
Monotonic increment in attenuation value from setting
= 0000 to 1111 by design
—-30
—
dB
Minimum Modulation Depth
60% setting
VIN_MOD
—
60
84
%
VDD = 3.0V
See Section 5.20 “Minimum Modulation Depth
Requirement for Input Signal”
.
See Modulation Depth Definition in Figure 5-5.
33% setting
—
33
49
%
14% setting
—
14
26
%
8%
8
%
Carrier frequency
FCARRIER
—
125
—
kHz
Input modulation frequency
FMOD
—
—
10
kHz
Input data rate with NRZ data format.
VDD = 3.0V
Minimum modulation depth setting = 33%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 100%
Note 1:
Parameter is characterized but not tested.
2:
Data in “Typ.” column is at 3.0V, +25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
3:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
4:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com