Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035T-I/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2035T-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035T-I/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2035T-I/ST Datasheet HTML 7Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 8Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 9Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 10Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 11Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 12Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 13Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 14Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 11
MCP2035
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, VDD = 3V, Carrier Frequency = 125 kHz, LCCOM = connected to VSS, TA = +25°C.
FIGURE 2-1:
Typical Standby Current.
FIGURE 2-2:
Typical Active Current.
FIGURE 2-3:
Oscillator Frequency vs.
Temperature, VDD = 3.6V and 2.0V.
FIGURE 2-4:
Oscillator Frequency
Histograms vs. Temperature, VDD = 2V.
FIGURE 2-5:
Oscillator Frequency
Histograms vs. Temperature at VDD = 3V.
FIGURE 2-6:
De-Q’ed Voltage vs.
Unloaded Coil Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.5
1
1.5
2
2.5
2 V
3 V
3.6 V
V
DD (V)
Standby Current (LCX Channel Enabled)
+85oC
+25oC
-40oC
0
1
2
3
4
5
6
7
8
9
2 V
3 V
3.6 V
V
DD (V)
Active Current (LCX Channel Enabled)
+85oC
+25oC
-40oC
29
30
31
32
33
34
35
-50
-25
0
25
50
75
100
125
Temperature (°C)
Osc. Freq. @ V
DD = 3.6V
Osc. Freq. @ V
DD = 2.0V
0.0%
5.0%
10.0%
15.0%
20.0%
25.0%
30.0%
35.0%
40.0%
45.0%
50.0%
Oscillator Frequency (kHz)
-40C
25C
85C
V
DD = 2.0V
0.0%
5.0%
10.0%
15.0%
20.0%
25.0%
30.0%
35.0%
40.0%
45.0%
50.0%
Oscillator Frequency (kHz)
-40C
25C
85C
V
DD = 3.6V
0
2
4
6
8
10
12
0
200
400
600
800
Unloaded Coil Voltage (V
PP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com