Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2200T-I/SS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP2200T-I/SS
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200T-I/SS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP2200T-I/SS Datasheet HTML 18Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 19Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 20Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 21Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 22Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 23Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 24Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 25Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MCP2200
DS20002228C-page 22
 2011-2015 Microchip Technology Inc.
2.3.1.23
SetPin
Function:
bool SimpleIOClass::SetPin(unsigned int pin)
EXAMPLE 2-23:
2.3.1.24
WriteEEPROM
Function:
int SimpleIOClass::WriteEEPROM(unsigned int uiEEPAddress, unsigned char ucValue)
EXAMPLE 2-24:
Summary:
Sets the specified pin.
Description:
Sets the specified pin to logic ‘1’.
Precondition:
Must be previously configured as an output via a ConfigureIO or ConfigureIoDefaultOutput call.
VID and PID must be previously set via a call to InitMCP2200(VID, PID).
Parameters:
pin
- the pin number to set (0-7)
Returns:
This function returns True if the transmission is successful and returns False if the transmission fails.
Remarks:
None.
Summary:
Writes a byte into the MCP2200 device’s EEPROM.
Description:
Writes a byte at the given address into the internal 256 bytes EEPROM.
Precondition:
At least one call to the InitMCP2200() is required in order to initiate a DLL search for the
compatible devices. VID and PID must be previously set via a call to InitMCP2200(VID, PID).
Parameters:
• uiEEPAddress - the EEPROM address location to write to (must be from 0 to 255 inclusively).
• ucValue - the byte value required for writing to the given location.
Returns:
This function returns ‘0’ if the write command was successfully sent to the device, otherwise it
returns:
• E_WRONG_ADDRESS (-3) in case the given EEPROM address is out of range
• E_CANNOT_SEND_DATA (-4) in case the function cannot send the command to the device.
Remarks:
The function will send the write EEPROM command, but has no confirmation whether the EEPROM
location was actually written. In order to verify the correctness of the EEPROM write, the user can
issue a SimpleIOClass::ReadEEPROM() and check if the returned value matches the written one.
if (SimpleIOClass::SetPin (2))
{
lblStatusBar->Text = “Success”;
}
else
lblStatusBar->Text = “Invalid command ” +
SimpleIOClass::LastError;
int iRetValue = SimpleIOClass::WriteEEPROM(0x01, 0xAB);
if (iRetValue == 0)
{
lblStatusBar->Text = “Success”;
}
else
lblStatusBar->Text = “Error writting to EEPROM” +
SimpleIOClass::LastError;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com