Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2200T-I/SS Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP2200T-I/SS
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200T-I/SS Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP2200T-I/SS Datasheet HTML 36Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 37Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 38Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 39Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 40Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 41Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 42Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 43Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
MCP2200
DS20002228C-page 42
 2011-2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip sales office
.
Device:
MCP2200: USB-to-UART serial converter
MCP2200T: USB-to-UART serial converter (Tape and Reel)
Tape and Reel
Option:
Blank
=Standard packaging (tube or tray)
T
=Tape and Reel(1)
Temperature
Range:
I=
-40
C to +85C (Industrial)
Package:
MQ
= Plastic Quad Flat, No Lead Package
5x5x1 mm Body (VQFN), 20-Lead
SO
= Plastic Small Outline - Wide, 7.50 mm Body (SO),
20-Lead
SS
= Plastic Shrink Small Outline - 5.30 mm Body (SS)
20-Lead
Examples:
a)
MCP2200- I/MQ:
Industrial temperature,
20LD VQFN Package.
b)
MCP2200T- I/MQ: Tape and Reel,
Industrial temperature,
20LD VQFN Package.
c)
MCP2200- I/SO:
Industrial temperature,
20LD SOIC Package.
d)
MCP2200T- I/SO:
Tape and Reel,
Industrial temperature,
20LD SOIC Package.
e)
MCP2200- I/SS:
Industrial temperature,
20LD SSOP Package.
f)
MCP2200T- I/SS:
Tape and Reel,
Industrial temperature,
20LD SSOP Package.
PART NO.
X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com