Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2200T-I/SS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2200T-I/SS
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200T-I/SS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2200T-I/SS Datasheet HTML 2Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 3Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 4Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 5Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 6Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 7Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 8Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 9Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MCP2200
DS20002228C-page 6
 2011-2015 Microchip Technology Inc.
1.5.2.1
Internal Power Supply Details
MCP2200 offers various options for power supply. To
meet the required USB signaling levels, the MCP2200
device incorporates an internal LDO used solely by the
USB transceiver in order to present the correct D+/D-
voltage levels.
Figure 1-2 shows the internal connections of the USB
transceiver LDO in relation to the VDD power supply
rail. The output of the USB transceiver LDO is tied to
the VUSB line. A capacitor connected to the VUSB pin is
required if the USB transceiver LDO provides the 3.3V
supply to the transceiver.
FIGURE 1-2:
MCP2200 INTERNAL
POWER SUPPLY DETAILS
The provided VDD voltage has a direct influence on the
voltage levels present on the GPIO pins (Rx/Tx and
RTS/CTS). When VDD is 5V, all of these pins will have
a logical ‘1’ around 5V with the variations specified in
Section 3.1 “DC Characteristics”.
For applications that require a 3.3V logical ‘1’ level,
VDD must be connected to a power supply providing
3.3V voltage. In this case, the internal USB transceiver
LDO cannot provide the required 3.3V of power. It is
necessary to also connect the VUSB pin to the 3.3V
power supply rail. This way, the USB transceiver is
powered-up directly from the 3.3V power supply.
1.5.2.2
USB Bus-Powered (5V)
In Bus Power Only mode, all power for the application
is drawn from the USB (Figure 1-3). This is effectively
the simplest power method for the device.
FIGURE 1-3:
BUS POWER ONLY
In order to meet the inrush current requirements of the
USB 2.0 specifications, the total effective capacitance
appearing across VBUS and ground must be no more
than 10 µF. If it is not more than 10 µF, some kind of
inrush current limiting is required. For more details on
inrush current limiting, consider the latest version of the
“Universal Serial Bus Specification”
.
According to the USB 2.0 specification, all USB devices
must also support a low-power Suspend mode. In the
USB Suspend mode, devices must consume no more
than 500 µA (or 2.5 mA for high-powered devices that
are remote wake-up capable) from the 5V VBUS line of
the USB cable.
The host signals the USB device to enter Suspend
mode by stopping all USB traffic to that device for more
than 3 ms.
The USB bus provides a 5V voltage. However, the USB
transceiver requires 3.3V for the signaling (on the D+
and D- lines).
During USB Suspend mode, the D+ or D- pull-up
resistor must remain active, which will consume some
of the allowed suspended current budget (500 µA/
2.5 mA). The VUSB pin is required to have an external
bypass capacitor. It is recommended that the capacitor
be a ceramic capacitor between 0.22 µF. and 0.47 µF.
Figure 1-4 shows a circuit where MCP2200’s internal
LDO is used to provide 3.3V to the USB transceiver.
The voltage on the VDD affects the voltage levels onto
the GPIO pins (Rx/Tx and RTS/CTS). With VDD at 5V,
these pins will have a logic ‘1’ of 5V with the variations
specified in Section 3.1 “DC Characteristics”.
LDO
3.3V
USB
Transceiver
D+
VDD
VUSB
D-
IN
OUT
VDD
VUSB
VSS
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com