Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2200T-I/SS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2200T-I/SS
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200T-I/SS Datasheet(HTML) 5 Page - Microchip Technology

  MCP2200T-I/SS Datasheet HTML 1Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 2Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 3Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 4Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 5Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 6Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 7Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 8Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
 2011-2015 Microchip Technology Inc.
DS20002228C-page 5
MCP2200
EQUATION 1-1:
SOLVING FOR ACTUAL
BAUD RATE
1.3.3
CUSTOM BAUD RATES
Custom baud rates are configured by sending the
SET_LINE_CODING
USB command, or by using the
DLL. See Section 2.0 “Configuration” for more
information.
1.3.4
HARDWARE FLOW CONTROL
Hardware flow control uses the RTS and CTS pins as
a handshake between two devices. The RTS pin of
one device is typically connected to the CTS of the
other device.
RTS is an active-low output that notifies the other
device when it is ready to receive data by driving the pin
low. The MCP2200 trip point for deasserting RTS (high)
is 63 characters. This is one character short of “buffer
full”.
CTS is an active-low input that notifies the MCP2200
when it is ready to send data. The MCP2200 will check
CTS just before loading and sending UART data. If the
pin is asserted during a transfer, the transfer will
continue. Refer to Figure 1-1.
FIGURE 1-1:
RTS/CTS CONNECTIONS
EXAMPLE
1.3.4.1
Flow Control Disabled
The buffer pointer does not increment (or reset to
zero) if the buffer is full. Therefore, if hardware flow
control is not enabled and an overflow occurs (i.e.,
65 unprocessed characters received), the new data
overwrites the last position in the buffer.
1.4
USB Protocol Controller
The USB controller in the MCP2200 is full-speed USB
2.0 compliant.
• Composite device (CDC + HID):
- CDC: USB-to-UART communications
- HID: I/O control, EEPROM access and initial
configuration
• 128-byte buffer to handle data throughput at any
UART baud rate:
- 64-byte transmit
-64-byte receive
• Fully configurable VID and PID assignments and
descriptors (stored on-chip)
• Bus-powered or self-powered
1.4.1
DESCRIPTORS
During configuration, the supplied PC interface stores
the descriptors in the MCP2200.
1.4.2
SUSPEND AND RESUME
The USB Suspend and Resume signals are supported
for power management of the MCP2200. The device
enters Suspend mode when “suspend signaling” is
detected on the bus.
The MCP2200 exits Suspend mode when any of the
following events occur:
1.
“Resume signaling” is detected or generated
2.
A USB “Reset” signal is detected
3.
A device reset occurs
1.5
USB Transceiver
The MCP2200 has a built-in, full-speed USB 2.0
transceiver internally connected to the USB module.
The USB transceiver obtains power from the VUSB pin,
which is internally connected to the 3.3V regulator. The
best electrical signal quality is obtained when VUSB is
locally bypassed with a high-quality ceramic capacitor.
1.5.1
INTERNAL PULL-UP RESISTORS
The MCP2200 devices have built-in pull-up resistors
designed to meet the requirements for full-speed USB.
1.5.2
MCP2200 POWER OPTIONS
The following are the main power options for the
MCP2200:
• USB Bus-Powered (5V)
• 3.3V Self-Powered
ActualRate
12 MHz
int x

-------------------
=
Where:
x
12 MHz
Desired Baud
---------------------------------
=
RTS
RTS
CTS
CTS
I am ready
to receive
I’ll transmit
if okay
I am ready
to receive
I’ll transmit
if okay
MCU
MCP2200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com