Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050T-E/P Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP2050T-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP2050T-E/P Datasheet HTML 18Page - Microchip Technology MCP2050T-E/P Datasheet HTML 19Page - Microchip Technology MCP2050T-E/P Datasheet HTML 20Page - Microchip Technology MCP2050T-E/P Datasheet HTML 21Page - Microchip Technology MCP2050T-E/P Datasheet HTML 22Page - Microchip Technology MCP2050T-E/P Datasheet HTML 23Page - Microchip Technology MCP2050T-E/P Datasheet HTML 24Page - Microchip Technology MCP2050T-E/P Datasheet HTML 25Page - Microchip Technology MCP2050T-E/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MCP2050
DS20002299C-page 22
 2012-2014 Microchip Technology Inc.
Voltage Regulator – 5.0V
Output Voltage Range
VREG
4.85
5.00
5.15
V
0 mA < IOUT < 70 mA
Line Regulation
VOUT1
—
10
50
mV
IOUT = 1 mA,
6.0V < VBB < 18V
Load Regulation
VOUT2
—
10
50
mV
5 mA < IOUT <70 mA
6.0V < VBB < 12V
Power Supply Ripple Reject
PSRR
—
—
50
dB
1 VPP @10-20 kHz
ILOAD = 20 mA
Output Noise Voltage
eN
—
—
100
µVRMS 10 Hz – 40 MHz
CFILTER = 10 µf,
CBP = 0.1 µf,
ILOAD = 20 mA
Shutdown Voltage
Threshold
VSD
3.5
—
4.0
V
See Figure 1-10 (Note 2)
Input Voltage to Turn Off
Output
VOFF
3.9
—
4.5
V
Input Voltage to Turn On
Output
VON
5.25
—
6.0
V
Voltage Regulator – 3.3V
Output Voltage
VREG
3.20
3.30
3.40
V
0 mA < IOUT < 70 mA
Line Regulation
VOUT1
—
10
50
mV
IOUT = 1 mA,
6.0V < VBB < 18V
Load Regulation
VOUT2
—
10
50
mV
5 mA < IOUT < 70 mA,
6.0V < VBB < 12V
Power Supply Ripple Reject
PSRR
—
—
50
dB
1 VPP @10-20 kHz,
ILOAD = 20 mA
Output Noise Voltage
eN
—
—
100
µVRMS
/
Hz
10 Hz – 40 MHz
CFILTER = 10 µf,
CBP = 0.1 µf,
ILOAD = 20 mA
Shutdown Voltage
VSD
2.5
—
2.7
V
See Figure 1-10 (Note 2)
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 18.0V, TA = -40°C to +125°C
CREG = 10 µF
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0Ω, TX = 0, VLBUS = VBB).
2:
Characterized, not 100% tested.
3:
In Power-Down mode, normal LIN recessive/dominant threshold is disabled; VWK(LBUS) is used to detect
bus activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com