Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050T-E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2050T-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2050T-E/P Datasheet HTML 8Page - Microchip Technology MCP2050T-E/P Datasheet HTML 9Page - Microchip Technology MCP2050T-E/P Datasheet HTML 10Page - Microchip Technology MCP2050T-E/P Datasheet HTML 11Page - Microchip Technology MCP2050T-E/P Datasheet HTML 12Page - Microchip Technology MCP2050T-E/P Datasheet HTML 13Page - Microchip Technology MCP2050T-E/P Datasheet HTML 14Page - Microchip Technology MCP2050T-E/P Datasheet HTML 15Page - Microchip Technology MCP2050T-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MCP2050
DS20002299C-page 12
 2012-2014 Microchip Technology Inc.
1.5
Internal Voltage Regulator
The MCP2050 has a positive regulator capable of
supplying +5.0V or +3.3V at up to 70 mA of load current
with tolerances of ±3% over the entire operating
temperature range of -40°C to +125°C. The regulator
uses an LDO design, is short-circuit-protected and will
turn the regulator output off if its output falls below the
Shutdown Voltage Threshold VSD.
With a load current of 70 mA, the minimum input-to-
output voltage differential required for the output to
remain in regulation is typically +0.5V (+1V maximum
over the full operating temperature range). Quiescent
current is less than 100 µA with a full 70 mA load
current when the input-to-output voltage differential is
greater than +3.00V.
Regarding the correlation between VBB, VREG and IDD,
refer to Figure 1-9 and Figure 1-10. When the input
voltage (VBB) drops below the differential needed to
provide stable regulation, the voltage regulator output
VREG will track the input down to approximately VOFF.
The regulator will turn off the output at this point. This
will allow PIC® microcontrollers, with internal POR
circuits, to generate a clean arming of the Power-on
Reset trip point. The MCP2050 will then monitor VBB
and turn on the regulator when VBB is above the
threshold of regulator turn-on voltage VON.
Under specific ambient temperature and battery
voltage range, the voltage regulator can output as high
as 150 mA current.
For current load capability of the voltage regulator, refer
to Figure 1-9 and Figure 1-10.
In Power-Down mode, the VBB monitor is turned off.
The regulator requires an external output bypass
capacitor for stability. See Figure 2-1 for correct
capacity and ESR for stable operation.
FIGURE 1-8:
VOLTAGE REGULATOR BLOCK DIAGRAM
Note:
The regulator overload current limit is
approximately 250 mA. The regulator
output voltage VREG is monitored. If
output voltage VREG is lower than VSD, the
voltage regulator will turn off. After a
recovery time of about 3 ms, the VREG will
be checked again. If there is no short
circuit, (VREG > VSD) then the voltage
regulator remains on.
Note:
A ceramic capacitor of at least 10 µF, or a
tantalum capacitor of at least 2.2 µF is
recommended for stability.
Warning:
In worst-case scenarios, the ceramic
capacitor may derate by 50%, based on
tolerance,
voltage
and
temperature.
Therefore, in order to ensure stability,
ceramic capacitors smaller than 10 µF may
require a small series resistance to meet the
ESR requirements, as shown in Table 1-4.
TABLE 1-4:
RECOMMENDED SERIES
RESISTANCE FOR CERAMIC
CAPACITORS
Resistance
Capacitor
1
1µF
0.47
2.2 µF
0.22
4.7 µF
0.1
6.8 µF
Pass
Element
Sampling
Network
Buffer
VREG
VBB
VSS
Fast
Transient
Loop
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com