Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050T-E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2050T-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2050T-E/P Datasheet HTML 6Page - Microchip Technology MCP2050T-E/P Datasheet HTML 7Page - Microchip Technology MCP2050T-E/P Datasheet HTML 8Page - Microchip Technology MCP2050T-E/P Datasheet HTML 9Page - Microchip Technology MCP2050T-E/P Datasheet HTML 10Page - Microchip Technology MCP2050T-E/P Datasheet HTML 11Page - Microchip Technology MCP2050T-E/P Datasheet HTML 12Page - Microchip Technology MCP2050T-E/P Datasheet HTML 13Page - Microchip Technology MCP2050T-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MCP2050
DS20002299C-page 10
 2012-2014 Microchip Technology Inc.
FIGURE 1-6:
VBATRATIO OUTPUT RANGE
TABLE 1-3:
FAULT/TXE TRUTH TABLE
TXD
In
RXD
Out
LIN BUS
I/O
Thermal
Override
FAULT/TXE
Definition
External
Input
Driven
Output
CS = 1
LH
VBB
OFF
H
L
FAULT
, TXD driven low, LBUS shorted to VBB
(Note 1),
or LBUS/TXD permanent dominant
detected, and transmit time-out shutdown.
HH
VBB
OFF
H
H
OK
LL
GND
OFF
H
H
OK
HL
GND
OFF
H
H
OK
, data is being received from LBUS
xx
VBB
ON
H
L
FAULT
, transceiver in thermal shutdown
xx
VBB
xL
x
NO FAULT
, the CPU is commanding the
transceiver to turn off the transmitter driver
CS = 0 after a wake-up
xx
x
x
x
L
Wake-up from LIN bus activity
xx
x
x
x
H
Wake-up from POR
Legend:
x = don’t care
Note 1:
The FAULT/TXE is valid after approximately 25 µs after TXD falling edge. This is to eliminate false fault
reporting during bus propagation delays.
Note 1:
Linear range of VBATRATIO is between VBB = 6.0-18.0V.
0
VBB
.25VREG
.75VREG
VREG/2
VBATRATIO
6V
12V
18V
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com